Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2196 Datasheet(PDF) 71 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 71 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 67Page - Dallas Semiconductor DS2196 Datasheet HTML 68Page - Dallas Semiconductor DS2196 Datasheet HTML 69Page - Dallas Semiconductor DS2196 Datasheet HTML 70Page - Dallas Semiconductor DS2196 Datasheet HTML 71Page - Dallas Semiconductor DS2196 Datasheet HTML 72Page - Dallas Semiconductor DS2196 Datasheet HTML 73Page - Dallas Semiconductor DS2196 Datasheet HTML 74Page - Dallas Semiconductor DS2196 Datasheet HTML 75Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 157 page
background image
DS2196
71 of 157
TDS0MA: TRANSMIT DS0 MONITOR REGISTER FRAMER A
(Address = 1A Hex)
TDS0MB: TRANSMIT DS0 MONITOR REGISTER FRAMER B
(Address = BA Hex)
(MSB)
(LSB)
B1
B2
B3
B4
B5
B6
B7
B8
SYMBOL
POSITION
NAME AND DESCRIPTION
B1
TDS0M.7
Transmit DS0 Channel Bit 1. MSB of the DS0 channel (first
bit to be transmitted).
B2
TDS0M.6
Transmit DS0 Channel Bit 2.
B3
TDS0M.5
Transmit DS0 Channel Bit 3.
B4
TDS0M.4
Transmit DS0 Channel Bit 4.
B5
TDS0M.3
Transmit DS0 Channel Bit 5.
B6
TDS0M.2
Transmit DS0 Channel Bit 6.
B7
TDS0M.1
Transmit DS0 Channel Bit 7.
B8
TDS0M.0
Transmit DS0 Channel Bit 8. LSB of the DS0 channel (last
bit to be transmitted).
CCR6A: COMMON CONTROL REGISTER 6 FRAMER A (Address = 1E Hex)
CCR6B: COMMON CONTROL REGISTER 6 FRAMER B (Address = BE Hex)
[Repeated here from section 6 for convenience with only the RX monitor function present]
(MSB)
(LSB)
RCM4
RCM3
RCM2
RCM1
RCM0
SYMBOL
POSITION
NAME AND DESCRIPTION
RCM4
CCR5.4
Receive Channel Monitor Bit 4. MSB of a channel decode
that determines which receive DS0 channel data will appear in
the RDS0M register.
RCM3
CCR5.3
Receive Channel Monitor Bit 3.
RCM2
CCR5.2
Receive Channel Monitor Bit 2.
RCM1
CCR5.1
Receive Channel Monitor Bit 1.
RCM0
CCR5.0
Receive Channel Monitor Bit 0. LSB of the channel decode
that determines which receive DS0 channel data will appear in
the RDS0M register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com