| Electronic Components Datasheet Search |
|
DS2196 Datasheet(PDF) 72 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2196 Datasheet(HTML) 72 Page - Dallas Semiconductor |
|
72 / 157 page ![]() DS2196 72 of 157 RDS0MA: RECEIVE DS0 MONITOR REGISTER FRAMER A (Address = 1F Hex) RDS0MB: RECEIVE DS0 MONITOR REGISTER FRAMER B (Address = BF Hex) (MSB) (LSB) B1 B2 B3 B4 B5 B6 B7 B8 SYMBOL POSITION NAME AND DESCRIPTION B1 RDS0M.7 Receive DS0 Channel Bit 1. MSB of the DS0 channel (first bit to be received). B2 RDS0M.6 Receive DS0 Channel Bit 2. B3 RDS0M.5 Receive DS0 Channel Bit 3. B4 RDS0M.4 Receive DS0 Channel Bit 4. B5 RDS0M.3 Receive DS0 Channel Bit 5. B6 RDS0M.2 Receive DS0 Channel Bit 6. B7 RDS0M.1 Receive DS0 Channel Bit 7. B8 RDS0M.0 Receive DS0 Channel Bit 8. LSB of the DS0 channel (last bit to be received). 11. PER–CHANNEL CODE (IDLE) GENERATION AND LOOPBACK The DS2196 can replace data on a channel–by–channel basis in both the transmit and receive directions. The transmit direction is from the backplane to the T1 line and is covered in Section 11.1. The receive direction is from the T1 line to the backplane and is covered in Section 11.2. 11.1TRANSMIT SIDE CODE GENERATION The Transmit Idle Registers (TIR1/2/3) are used to determine which of the 24 T1 channels should be overwritten with the code placed in the Transmit Idle Definition Register (TIDR). This method allows the same 8–bit code to be placed into any of the 24 T1 channels. If this method is used, then the CCR4.0 control bit must be set to 0. Each of the bit position in the Transmit Idle Registers (TIR1/TIR2/TIR3) represent a DS0 channel in the outgoing frame. When these bits are set to a 1, the corresponding channel will transmit the Idle Code contained in the Transmit Idle Definition Register (TIDR). Bit 7 stuffing will occur over the programmed Idle Code unless the DS0 channel is made transparent by the Transmit Transparency Registers. The Transmit Idle Registers (TIRs) have an alternate function that allows them to define a Per–Channel Loopback (PCLB). If the TIRFS control bit (CCR4.0) is set to 1, then the TIRs will determine which channels (if any) from the backplane should be replaced with the data from the receive side or in other words, off of the T1 line. If this mode is enabled, then transmit and receive clocks and frame syncs must be synchronized. One method to accomplish this would be to tie RCLK to TCLK and RSYNC to TSYNC. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |