Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2196 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 8Page - Dallas Semiconductor DS2196 Datasheet HTML 9Page - Dallas Semiconductor DS2196 Datasheet HTML 10Page - Dallas Semiconductor DS2196 Datasheet HTML 11Page - Dallas Semiconductor DS2196 Datasheet HTML 12Page - Dallas Semiconductor DS2196 Datasheet HTML 13Page - Dallas Semiconductor DS2196 Datasheet HTML 14Page - Dallas Semiconductor DS2196 Datasheet HTML 15Page - Dallas Semiconductor DS2196 Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 157 page
background image
DS2196
12 of 157
PIN
SYMBOL
TYPE
FUNCTION
86
RBPVA
O
Receive bipolar Violation (BPV) from Framer A.
87
DVSS
–
Digital Signal Ground.
88
DVDD
–
Digital Positive Supply. 3.3V (±5%).
89
RBPVB
O
Receive bipolar Violation (BPV) from Framer B.
90
RLOSB/
LOTCB
O
Receive Loss Of Synchronization from Framer B /
Loss of Transmit Clock Framer B.
91
RFSYNCB
O
Receive Frame Pulse from Framer B.
92
RMSYNCB
O
Receive Multiframe Pulse from Framer B.
93
RSERB
O
Receive Serial Data Output from Framer B.
94
RCLKB
O
Receive Clock Output from Framer B.
95
RNEGIB
I
Receive Negative & NRZ Data Input for Framer B.
96
RPOSIB
I
Receive Positive & NRZ Data Input for Framer B.
97
RCLKIB
I
Receive Clock Input for Framer B.
98
RCHCLKB /
RLCLKB
O
Receive DS0 Channel Clock Output from Framer B /
Receive FDL Link Clock Output from Framer B.
99
RCHBLKB /
RLINKB
O
Receive Channel Blocking Clock Output from Framer B /
Receive FDL Link Data Output from Framer B.
100
WPS
I
Working/Protect Select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com