Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2196 Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 19Page - Dallas Semiconductor DS2196 Datasheet HTML 20Page - Dallas Semiconductor DS2196 Datasheet HTML 21Page - Dallas Semiconductor DS2196 Datasheet HTML 22Page - Dallas Semiconductor DS2196 Datasheet HTML 23Page - Dallas Semiconductor DS2196 Datasheet HTML 24Page - Dallas Semiconductor DS2196 Datasheet HTML 25Page - Dallas Semiconductor DS2196 Datasheet HTML 26Page - Dallas Semiconductor DS2196 Datasheet HTML 27Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 157 page
background image
DS2196
23 of 157
ADDRESS
R/W
REGISTER NAME
REGISTER
ABBREVIATION
5D
—
Reserved (Set to 00h on power-up)
—
5E
R/W
LIU Test Register 1 (Set to 00h on power-up)
—
5F
R/W
LIU Test Register 2 (Set to 00h on power-up)
—
60
R
Receive Signaling 1 from Framer A
RS1A
61
R
Receive Signaling 2 from Framer A
RS2A
62
R
Receive Signaling 3 from Framer A
RS3A
63
R
Receive Signaling 4 from Framer A
RS4A
64
R
Receive Signaling 5 from Framer A
RS5A
65
R
Receive Signaling 6 from Framer A
RS6A
66
R
Receive Signaling 7 from Framer A
RS7A
67
R
Receive Signaling 8 from Framer A
RS8A
68
R
Receive Signaling 9 from Framer A
RS9A
69
R
Receive Signaling 10 from Framer A
RS10A
6A
R
Receive Signaling 11 from Framer A
RS11A
6B
R
Receive Signaling 12A from Framer A
RS12A
6C
R/W
Receive Channel Blocking 1 for Framer A
RCBR1A
6D
R/W
Receive Channel Blocking 2 for Framer A
RCBR2A
6E
R/W
Receive Channel Blocking 3 for Framer A
RCBR3A
6F
R/W
Interrupt Mask 2 for Framer A.
IMR2A
70
R/W
Transmit Signaling 1 for Formatter A
TS1A
71
R/W
Transmit Signaling 2 for Formatter A
TS2A
72
R/W
Transmit Signaling 3 for Formatter A
TS3A
73
R/W
Transmit Signaling 4 for Formatter A
TS4A
74
R/W
Transmit Signaling 5 for Formatter A
TS5A
75
R/W
Transmit Signaling 6 for Formatter A
TS6A
76
R/W
Transmit Signaling 7 for Formatter A
TS7A
77
R/W
Transmit Signaling 8 for Formatter A
TS8A
78
R/W
Transmit Signaling 9 for Formatter A
TS9A
79
R/W
Transmit Signaling 10 for Formatter A
TS10A
7A
R/W
Transmit Signaling 11 for Formatter A
TS11A
7B
R/W
Transmit Signaling 12 for Formatter A
TS12A
7C
R/W
Line Interface Control
LICR
7D
R/W
Test 1 for Framer A (Set to 00h on power-up)
—
7E
R/W
Transmit FDL Register for Formatter A
TFDLA
7F
R/W
Interrupt Mask Register 1 for Framer A
IMR1A
80
R/W
Error Rate Control for Framer A
ERCA
81
W
Number of Errors 1 for Framer A
NOE1A
82
W
Number of Errors 2 for Framer A
NOE2A
83
R
Number of Errors Left 1 for Framer A
NOEL1A
84
R
Number of Errors Left 2 for Framer A
NOEL2A
85
R/W
Error Rate Control for Framer B
ERCB
86
W
Number of Errors 1 for Framer B
NOE1B
87
W
Number of Errors 2 for Framer B
NOE2B
88
R
Number of Errors Left 1 for Framer B
NOEL1B
89
R
Number of Errors Left 2 for Framer B
NOEL2B
8A
—
Reserved (Set to 00h on power-up)
—
8B
—
Reserved (Set to 00h on power-up)
—
8C
—
Reserved (Set to 00h on power-up)
—
8D
—
Reserved (Set to 00h on power-up)
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com