Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2196 Datasheet(PDF) 81 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 81 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 77Page - Dallas Semiconductor DS2196 Datasheet HTML 78Page - Dallas Semiconductor DS2196 Datasheet HTML 79Page - Dallas Semiconductor DS2196 Datasheet HTML 80Page - Dallas Semiconductor DS2196 Datasheet HTML 81Page - Dallas Semiconductor DS2196 Datasheet HTML 82Page - Dallas Semiconductor DS2196 Datasheet HTML 83Page - Dallas Semiconductor DS2196 Datasheet HTML 84Page - Dallas Semiconductor DS2196 Datasheet HTML 85Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 157 page
background image
DS2196
81 of 157
RDNCD2A: RECEIVE DOWN CODE DEFINITION REGISTER 2 FRAMER A
(Address = 18 Hex)
RDNCD2B: RECEIVE DOWN CODE DEFINITION REGISTER 2 FRAMER B
(Address = B8 Hex)
(MSB)
(LSB)
C7
C6
C5
C4
C3
C2
C1
C0
SYMBOL
POSITION
NAME AND DESCRIPTION
C7
RDNCD2.7
Receive Down Code Definition Bit 7. A Don’t Care if a 1 to
7 bit length is selected.
C6
RDNCD2.6
Receive Down Code Definition Bit 6. A Don’t Care if a 1 to
7 bit length is selected.
C5
RDNCD2.5
Receive Down Code Definition Bit 5. A Don’t Care if a 1 to
7 bit length is selected.
C4
RDNCD2.4
Receive Down Code Definition Bit 4. A Don’t Care if a 1 to
7 bit length is selected.
C3
RDNCD2.3
Receive Down Code Definition Bit 3. A Don’t Care if a 1 to
7 bit length is selected.
C2
RDNCD2.2
Receive Down Code Definition Bit 2. A Don’t Care if a 1 to
7 bit length is selected.
C1
RDNCD2.1
Receive Down Code Definition Bit 1. A Don’t Care if a 1 to
7 bit length is selected.
C0
RDNCD2.0
Receive Down Code Definition Bit 0. A Don’t Care if a 1 to
7 bit length is selected.
RSCCA: IN–BAND RECEIVE SPARE CONTROL REGISTER FRAMER A
(Address = 1D Hex)
RSCCB: IN–BAND RECEIVE SPARE CONTROL REGISTER FRAMER B
(Address = BD Hex)
(MSB)
(LSB)
–––––
RSC2
RSC1
RSC0
SYMBOL
POSITION
NAME AND DESCRIPTION
–
RSCC.7
Not Assigned. Should be set to 0 when written to.
–
RSCC.6
Not Assigned. Should be set to 0 when written to.
–
RSCC.5
Not Assigned. Should be set to 0 when written to.
–
RSCC.4
Not Assigned. Should be set to 0 when written to.
–
RSCC.3
Not Assigned. Should be set to 0 when written to.
RSC2
RSCC.2
Receive Spare Code Length Definition Bit 2. See Table 12–2
RSC1
RSCC.1
Receive Spare Code Length Definition Bit 1. See Table 12–2
RSC0
RSCC.0
Receive Spare Code Length Definition Bit 0. See Table 12–2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com