Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2196 Datasheet(PDF) 60 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 60 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 56Page - Dallas Semiconductor DS2196 Datasheet HTML 57Page - Dallas Semiconductor DS2196 Datasheet HTML 58Page - Dallas Semiconductor DS2196 Datasheet HTML 59Page - Dallas Semiconductor DS2196 Datasheet HTML 60Page - Dallas Semiconductor DS2196 Datasheet HTML 61Page - Dallas Semiconductor DS2196 Datasheet HTML 62Page - Dallas Semiconductor DS2196 Datasheet HTML 63Page - Dallas Semiconductor DS2196 Datasheet HTML 64Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 157 page
background image
DS2196
60 of 157
SR2A: STATUS REGISTER 2 FRAMER A (Address = 21 Hex)
(MSB)
(LSB)
RMF
TMF
SEC
RFDL
TFDL
RMTCH
RAF
–
SYMBOL
POSITION
NAME AND DESCRIPTION
RMF
SR2A.7
Receive Multiframe. Set on receive multiframe boundaries.
TMF
SR2A.6
Transmit Multiframe. Set on transmit multiframe boundaries.
SEC
SR2A.5
One Second Timer. Set on increments of one second based on
RCLK; will be set in increments of 999 ms, 999 ms, and 1002
ms every 3 seconds. Set on increments of 42 ms (333 frames) if
CCR3A.2 = 1.
RFDL
SR2A.4
Receive FDL Buffer Full. Set when the receive FDL buffer
(RFDL) fills to capacity (8 bits).
TFDL
SR2A.3
Transmit FDL Buffer Empty. Set when the transmit FDL
buffer (TFDL) empties.
RMTCH
SR2A.2
Receive FDL Match Occurrence. Set when the RFDL
matches either RMTCH1A or RMTCH2A.
RAF
SR2A.1
Receive FDL Abort. Set when eight consecutive 1’s’s are
received in the FDL.
–SR2A.0
Not Assigned. Could be any value when read.
SR2B: STATUS REGISTER 2 FRAMER B (Address = C1 Hex)
(MSB)
(LSB)
RMF
TMF
SEC
RFDL
TFDL
RMTCH
RAF
–
SYMBOL
POSITION
NAME AND DESCRIPTION
RMF
SR2B.7
Receive Multiframe. Set on receive multiframe boundaries.
TMF
SR2B.6
Transmit Multiframe. Set on transmit multiframe boundaries.
SEC
SR2B.5
One Second Timer. Set on increments of one second based on
RCLK; will be set in increments of 999 ms, 999 ms, and 1002
ms every 3 seconds. Set on increments of 42 ms (333 frames) if
CCR3B.2 = 1.
RFDL
SR2B.4
Receive FDL Buffer Full. Set when the receive FDL buffer
(RFDL) fills to capacity (8 bits).
TFDL
SR2B.3
Transmit FDL Buffer Empty. Set when the transmit FDL
buffer (TFDL) empties.
RMTCH
SR2B.2
Receive FDL Match Occurrence. Set when the RFDL
matches either RMTCH1B or RMTCH2B.
RAF
SR2B.1
Receive FDL Abort. Set when eight consecutive 1’s’s are
received in the FDL.
–SR2B.0
Not Assigned. Could be any value when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com