Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2196 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 10Page - Dallas Semiconductor DS2196 Datasheet HTML 11Page - Dallas Semiconductor DS2196 Datasheet HTML 12Page - Dallas Semiconductor DS2196 Datasheet HTML 13Page - Dallas Semiconductor DS2196 Datasheet HTML 14Page - Dallas Semiconductor DS2196 Datasheet HTML 15Page - Dallas Semiconductor DS2196 Datasheet HTML 16Page - Dallas Semiconductor DS2196 Datasheet HTML 17Page - Dallas Semiconductor DS2196 Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 157 page
background image
DS2196
14 of 157
Signal Name:
TNEGA/B / TFSYNCA/B
Signal Description:
Transmit Negative Data & Frame Sync Pulse Output
Signal Type:
Output
Updated on the rising edge of TCLKA or TCLKB with either bipolar data or a frame sync pulse out of the transmit
side formatter. This pin can be programmed to source the frame sync pulse via the Output Data Format (CCR1A.6
and CCR1B.6) control bits.
Receive Framer Pins
Signal Name:
RCHCLKA/B / RLCLKA/B
Signal Description:
Receive Channel Clock / Receive Link Clock
Signal Type:
Output
A dual function pin depending on the setting of the CCR4A.1 and CCR4B.1 control bits. If RCHCLK is selected, a
192-kHz clock, which pulses high during the LSB of each channel, will be output. If RLCLK is selected, either a 4
kHz or 2 kHz (ZBTSI) clock for the RLINK data is output. This output signal is always synchronous with RCLKA
or RCLKB.
Signal Name:
RCHBLKA/B / RLINKA/B
Signal Description:
Receive Channel Block / Receive Link Data
Signal Type:
Output
A dual function pin depending on the setting of the CCR4A.1 and CCR4B.1 control bits. If RCHBLK is selected, a
user programmable output that can be forced high or low during any of the 24 T1 channels. Useful for blocking
clocks to a serial UART or LAPD controller in applications where not all T1 channels are used such as Fractional
T1, 384 kbps service, 768 kbps, or ISDN–PRI. Also useful for locating individual channels in drop–and–insert
applications, for external per–channel loopback, and for per–channel conditioning. See Section 21 for details. If
RLINK is selected, then either FDL data (ESF) or Fs bits (D4) or Z bits (ZBTSI) one RCLKA before the start of a
frame are output. See Section 21 for details. This signal is always synchronous with RCLKA or RCLKB.
Signal Name:
RSERA/B
Signal Description:
Receive Serial Data
Signal Type:
Output
Received NRZ serial data. Updated on rising edges of RCLKA or RCLKB.
Signal Name:
RFSYNCA/B
Signal Description:
Receive Frame Sync
Signal Type:
Output
An extracted pulse, one RCLKA or RCLKB wide, is output at this pin which identifies frame boundaries. Via
RCR2A.5 and RCR2B.5, RFSYNC can also be set to output double–wide pulses on signaling frames. This signal
is always synchronous with RCLKA or RCLKB
.
Signal Name:
RMSYNCA/B
Signal Description:
Receive Multiframe Sync
Signal Type:
Output
An extracted pulse, one RCLKA or RCLKB wide, is output at this pin which identifies multiframe boundaries.
This signal is always synchronous with RCLKA or RCLKB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com