| Electronic Components Datasheet Search |
|
DS2196 Datasheet(PDF) 16 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2196 Datasheet(HTML) 16 Page - Dallas Semiconductor |
|
16 / 157 page ![]() DS2196 16 of 157 Parallel Control Port Pins Signal Name: INT* Signal Description: Interrupt Signal Type: Output Flags host controller during conditions and change of states as defined in the Status Registers. Active low, open drain output. Signal Name: MUX Signal Description: Bus Operation Signal Type: Input Set low to select non-multiplexed bus operation. Set high to select multiplexed bus operation. Signal Name: D0 to D7 / AD0 to AD7 Signal Description: Data Bus or Address/Data Bus Signal Type: Input / Output In non-multiplexed bus operation (MUX = 0), serves as the data bus. In multiplexed bus operation (MUX = 1), serves as a 8–bit multiplexed address / data bus. Signal Name: A0 to A6 Signal Description: Address Bus Signal Type: Input In non-multiplexed bus operation (MUX = 0), serves as the address bus. In multiplexed bus operation (MUX = 1), these pins are not used and should be tied low. Signal Name: BTS Signal Description: Bus Type Select Signal Type: Input Strap high to select Motorola bus timing; strap low to select Intel bus timing. This pin controls the function of the RD*(DS*), ALE (AS), and WR*(R/W*) pins. If BTS = 1, then these pins assume the function listed in parenthesis (). Signal Name: RD* (DS*) Signal Description: Read Input (Data Strobe) Signal Type: Input RD* is an active low signal. DS* polarity is determined by the MUX pin setting. Refer to section 21 for details. Signal Name: CS* Signal Description: Chip Select Signal Type: Input Must be low to read or write to the device. CS* is an active low signal. Signal Name: ALE(AS) / A7 Signal Description: A7 or Address Latch Enable (Address Strobe) Signal Type: Input In non-multiplexed bus operation (MUX = 0), serves as the upper address bit. In multiplexed bus operation (MUX = 1), serves to demultiplex the bus on a positive–going edge. Signal Name: WR*( R/W*) Signal Description: Write Input (Read/Write) Signal Type: Input WR* is an active low signal. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |