Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2196 Datasheet(PDF) 64 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 64 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 60Page - Dallas Semiconductor DS2196 Datasheet HTML 61Page - Dallas Semiconductor DS2196 Datasheet HTML 62Page - Dallas Semiconductor DS2196 Datasheet HTML 63Page - Dallas Semiconductor DS2196 Datasheet HTML 64Page - Dallas Semiconductor DS2196 Datasheet HTML 65Page - Dallas Semiconductor DS2196 Datasheet HTML 66Page - Dallas Semiconductor DS2196 Datasheet HTML 67Page - Dallas Semiconductor DS2196 Datasheet HTML 68Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 157 page
background image
DS2196
64 of 157
IMR2B: INTERRUPT MASK REGISTER 2 FRAMER B (Address = EF Hex)
(MSB)
(LSB)
RMF
TMF
SEC
RFDL
TFDL
RMTCH
RAF
–
SYMBOL
POSITION
NAME AND DESCRIPTION
RMF
IMR2B.7
Receive Multiframe.
0 = interrupt masked
1 = interrupt enabled
TMF
IMR2B.6
Transmit Multiframe.
0 = interrupt masked
1 = interrupt enabled
SEC
IMR2B.5
One Second Timer.
0 = interrupt masked
1 = interrupt enabled
RFDL
IMR2B.4
Receive FDL Buffer Full.
0 = interrupt masked
1 = interrupt enabled
TFDL
IMR2B.3
Transmit FDL Buffer Empty.
0 = interrupt masked
1 = interrupt enabled
RMTCH
IMR2B.2
Receive FDL Match Occurrence.
0 = interrupt masked
1 = interrupt enabled
RAF
IMR2B.1
Receive FDL Abort.
0 = interrupt masked
1 = interrupt enabled
–IMR2B.0
Not Assigned. Should be set to 0 when written to.
8. ERROR COUNT REGISTERS
There is a set of three counters per framer that record bipolar violations, excessive zeros, errors in the
CRC6 code words, framing bit errors, and number of multiframes that the device is out of receive
synchronization. Each of these three counters can be automatically updated on either one second
boundaries (CCR3.2=0) or every 42 ms (CCR3.2=1) as determined by the timer in Status Register 2
(SR2.5) or manually (CCR6.6=1 and triggering with CCR6.5). When updated automatically, the user
can use the interrupt from the one-second timer to determine when to read these registers. The user has a
full second (or 42 ms) to read the counters before the data is lost. All three counters will saturate at their
respective maximum counts and they will not rollover (note: only the Line Code Violation Count Register
has the potential to over-flow but the bit error would have to exceed 10E-2 before this would occur).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com