| Electronic Components Datasheet Search |
|
DS2196 Datasheet(PDF) 47 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2196 Datasheet(HTML) 47 Page - Dallas Semiconductor |
|
47 / 157 page ![]() DS2196 47 of 157 CCR5B: COMMON CONTROL REGISTER 5 FRAMER B (Address = B9 Hex) (MSB) (LSB) TJC – – TCM4 TCM3 TCM2 TCM1 TCM0 SYMBOL POSITION NAME AND DESCRIPTION TJC CCR5B.7 Transmit Japanese CRC6 Enable. 0 = use ANSI/AT&T/ITU CRC6 calculation (normal operation) 1 = use Japanese standard JT–G704 CRC6 calculation – CCR5B.6 Not Assigned. Must be set to 0 when written. – CCR5B.5 Not Assigned. Must be set to 0 when written. TCM4 CCR5B.4 Transmit Channel Monitor Bit 4. MSB of a channel decode that determines which transmit channel data will appear in the TDS0M register. See Section 10 for details. TCM3 CCR5B.3 Transmit Channel Monitor Bit 3. TCM2 CCR5B.2 Transmit Channel Monitor Bit 2. TCM1 CCR5B.1 Transmit Channel Monitor Bit 1. TCM0 CCR5B.0 Transmit Channel Monitor Bit 0. LSB of the channel decode. CCR6A: COMMON CONTROL REGISTER 6 FRAMER A (Address = 1E Hex) (MSB) (LSB) RJC EAMS MECU RCM4 RCM3 RCM2 RCM1 RCM0 SYMBOL POSITION NAME AND DESCRIPTION RJC CCR6A.7 Receive Japanese CRC6 Enable. 0 = use ANSI/AT&T/ITU CRC6 calculation (normal operation) 1 = use Japanese standard JT–G704 CRC6 calculation EAMS CCR6A.6 Error Accumulation Mode Select. 0 = CCR3A.2 determines accumulation time 1 = CCR6A.5 determines accumulation time MECU CCR6A.5 Manual Error Counter Update. When enabled by CCR6A.6, the changing of this bit from a 0 to a 1 allows the next clock cycle to load the error counter registers with the latest counts and reset the counters. The user must wait a minimum of 972 ns (1.5 clock periods) before reading the error count registers to allow for proper update. RCM4 CCR6A.4 Receive Channel Monitor Bit 4. MSB of a channel decode that determines which receive channel data will appear in the RDS0M register. See Section 10 for details. RCM3 CCR6A.3 Receive Channel Monitor Bit 3. RCM2 CCR6A.2 Receive Channel Monitor Bit 2. RCM1 CCR6A.1 Receive Channel Monitor Bit 1. RCM0 CCR6A.0 Receive Channel Monitor Bit 0. LSB of the channel decode. CCR6B: COMMON CONTROL REGISTER 6 FRAMER B (Address = BE Hex) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |