Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2196 Datasheet(PDF) 85 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 85 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 81Page - Dallas Semiconductor DS2196 Datasheet HTML 82Page - Dallas Semiconductor DS2196 Datasheet HTML 83Page - Dallas Semiconductor DS2196 Datasheet HTML 84Page - Dallas Semiconductor DS2196 Datasheet HTML 85Page - Dallas Semiconductor DS2196 Datasheet HTML 86Page - Dallas Semiconductor DS2196 Datasheet HTML 87Page - Dallas Semiconductor DS2196 Datasheet HTML 88Page - Dallas Semiconductor DS2196 Datasheet HTML 89Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 157 page
background image
DS2196
85 of 157
14.
TRANSMIT TRANSPARENCY
Each of the 24 T1 channels in the transmit direction of the framer can be either forced to be transparent or
in other words, can be forced to stop Bit 7 Stuffing from overwriting the data in the channels.
Transparency can be invoked on a channel by channel basis by properly setting the TTR1, TTR2, and
TTR3 registers.
Each of the bit position in the Transmit Transparency Registers (TTR1/TTR2/TTR3) represent a DS0
channel in the outgoing frame. When these bits are set to a 1, the corresponding channel is transparent
(or clear). If a DS0 is programmed to be clear, no Bit 7 stuffing will be performed. However, in the D4
framing mode, bit 2 will be overwritten by a zero when a Yellow Alarm is transmitted. Also the user has
the option to prevent the TTR registers from determining which channels are to have Bit 7 stuffing
performed. If the TCR2.0 and TCR1.3 bits are set to 1, then all 24 T1 channels will have Bit 7 stuffing
performed on them regardless of how the TTR registers are programmed. Please see Figure 21-7 for
more details.
TTR1A/TTR2A/TTR3A: TRANSMIT TRANSPARENCY REGISTER FRAMER A
(Address = 39 to 3B Hex)
TTR1B/TTR2B/TTR3B: TRANSMIT TRANSPARENCY REGISTER FRAMER B
(Address = D9 to DB Hex)
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TTR1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TTR2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TTR3
SYMBOLS
POSITIONS
NAME AND DESCRIPTION
CH1-24
TTR1.0-3.7
Transmit Transparency Registers.
0 = this DS0 channel is not transparent
1 = this DS0 channel is transparent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com