Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2196 Datasheet(PDF) 101 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 101 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 97Page - Dallas Semiconductor DS2196 Datasheet HTML 98Page - Dallas Semiconductor DS2196 Datasheet HTML 99Page - Dallas Semiconductor DS2196 Datasheet HTML 100Page - Dallas Semiconductor DS2196 Datasheet HTML 101Page - Dallas Semiconductor DS2196 Datasheet HTML 102Page - Dallas Semiconductor DS2196 Datasheet HTML 103Page - Dallas Semiconductor DS2196 Datasheet HTML 104Page - Dallas Semiconductor DS2196 Datasheet HTML 105Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 157 page
background image
DS2196
101 of 157
18.
FDL/Fs EXTRACTION AND INSERTION
Each Framer/Formatter has the ability to extract/insert data from/ into the Facility Data Link (FDL) in the
ESF framing mode and from/into Fs–bit position in the D4 framing mode. Since SLC–96 utilizes the
Fs-bit position, this capability can also be used in SLC–96 applications. The DS2196 contains a complete
HDLC and BOC controller for the FDL and this operation is covered in Section 18.1. To allow for
backward compatibility between the DS2196 and earlier devices, the DS2196 maintains some legacy
functionality for the FDL and this is covered in Section 18.2. Section 18.3 covers D4 and SLC–96
operation. Please contact the factory for a copy of C language source code for implementing the FDL on
the DS2196.
18.1HDLC AND BOC CONTROLLER FOR THE FDL
18.1.1 General Overview
The DS2196 contains a complete HDLC controller with 64–byte buffers in both the transmit and receive
directions as well as separate dedicated hardware for Bit Oriented Codes (BOC). The HDLC controller
performs all the necessary overhead for generating and receiving Performance Report Messages (NPRMs
and SPRMs) as described in ANSI T1.403-1998 and the messages as described in AT&T TR54016. The
HDLC controller automatically generates and detects flags, generates and checks the CRC check sum,
generates and detects abort sequences, stuffs and destuffs zeros (for transparency), and byte aligns to the
HDLC data stream. The 64–byte buffers in the HDLC controller are large enough to allow a full NPRM
or SPRM to be received or transmitted without host intervention. The BOC controller will automatically
detect incoming BOC sequences and alert the host. When the BOC ceases, the DS2196 will also alert the
host.
The user can set the device up to send any of the possible 6–bit BOC codes.
There are thirteen registers that the host will use to operate and control the operation of the HDLC and
BOC controllers. A brief description of the registers is shown in Table 18–1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com