Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5R Datasheet(PDF) 103 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 103 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 99Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 107Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 138 page
background image
Rev. 1.10
10�
De�e��e� 1�� �01�
Rev. 1.10
10�
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
ADUDA0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
D5
D4
D�
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
D7~D0:8-bitDAC0OutputControlDataBits
DAC0Output=(DAC0ReferenceVoltage)×(ADUDA0[7:0])/256
ADUDA1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
D5
D4
D�
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
D7~D0:8-bitDAC1OutputControlDataBits
DAC1Output=(DAC1ReferenceVoltage)×(ADUDA1[7:0])/256
Battery Charge Module
Thedevicecontainsabatterychargemodulewhichconsistsofcircuitryforbatterycharging
constantcurrent(CC)orconstantvoltage(CV)modesaswellasOVPandOCPfunctions.The
constantcurrentsensesignalisfromIsensepinwhiletheconstantvoltagesignalisfromtheVsense
pin.TheOVPorOCPcircuitryusesexternalpins,namedVsense,Isense,andCP0N,todetect10×IS
voltageorVsvoltageandthisoutputvoltageisusedtomodifythedutyoftheCurrentModePWM
controllertocontrolthechargingcurrentandchargingvoltage.
Rectifier/
Filter/
Regulator
10×IS
Vs
SenseIN
Current mode
PWM
controller
DAC
Isense
3V
5V
PGD
A1N
A1X
OPA0
OPA1
OVP
OCP
BAT.
5V
CP0N
Vsense
CH1
CH0
9R
R
HV
MUX
CMP1
CMP0
Battery Charge Module Structure
Note:1.TheinputvoltagerangeofIsenseshouldbelessthan0.36Vat5V.
2.WhentheVsensevoltageisgreaterthan3VandVDDisgreaterthanorequalto4.6V,thentheOVPoutput
ishigh,anOCVPinterruptoccursandtheA1Xpinwilloutputalowlevel.
3.Whenthe10×ISvoltageisgreaterthanCP0NandVDDisgreaterthanorequalto4.6V,theOCPoutputis
high,anOCVPinterruptoccursandtheA1Xpinwilloutputalowlevel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com