Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5R Datasheet(PDF) 104 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 104 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 108Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 138 page
background image
Rev. 1.10
104
De�e��e� 1�� �01�
Rev. 1.10
105
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
Battery Charging Constant Current and Constant Voltage Modes
Thebatterychargingcurrentismeasuredusingaresistortoproduceavoltagewhichisinputtothe
OPA0viaIsensepin.ThentheIsensevoltageisamplified10timesbyOPA0toproducea10×IS
voltage.ThisvoltageisinputtoMUXchannel1andanA/DConverterinternalchannel.
WhenMUXselectsCH1fromthe10×ISvoltageandtheOPA1positivevoltagecomesfromthe
DAC,ifthe10×ISvoltageislessthantheDACvoltage,theA1Xoutputsignalistransmittedtothe
currentmodePWMcontrollerviaaphoto-couplertoindirectlyincreasePWMdutycycleofthe
powerMOSdrivingportofthecurrentmodePWMcontrolcircuits.
Thebatterychargingvoltageismeasuredusingexternaltworesistorstoproduceavoltagewhich
isinputtotheMUXviatheVsensepin.ThisvoltageisthesameasVs.WhentheMUXchannel
selectsCH0,theVsvoltagewillbesentoutviatheSenseINpinandtheexternalresistertothe
OPA1negativeinput.AstheOPA1non-invertinginputisfromthe12-bitDACinput,usetheDAC
valuetodeterminethebatterychargingvoltage,becausetheOPA1output,A1X,transmitstheVs
andDACdifferenceviaaphoto-couplertothecurrentmodePWMcontroller.IftheVsvoltageis
lessthantheDACvoltage,A1XistransmittedtothecurrentmodePWMcontrollerviaaphoto-
couplertoindirectlyincreasesthePWMdutycycleofthepowerMOSdrivingportofthecurrent
modePWMcontrolcircuits.
OCP and OVP Functions
TheOCPfunctionisusedtomonitorthebatterychargingcurrent,whichisconvertedtoavoltage
usingaresistor.ThevoltagesignalisinputtoOPA0viatheIsensepin.ThentheIsensevoltageis
amplified10timesbyanOPA0toproducea10×ISvoltage.Ifthe10×ISvoltageisgreaterthan
CP0NandPGD(PowerGoodDetection)itmeansthatthedevicepowersupplyisready,VDDis
greaterthanorequalto4.6V,anOCVPinterruptwilloccurwhenthecorrespondinginterruptis
enabledandwillforcetheA1Xoutputlow.
TheOVPfunctionisusedtomonitorthebatterychargingvoltage,whichisconvertedtoavoltage
usingtwoexternalresistors,andthevoltageisinputtotheVsensepin.IftheVsensepininput
voltageisgreaterthan3VandPGD(PowerGoodDetection),thismeansthatthedevicepower
supplyisready,VDDisgreaterthanorequalto4.6V,anOCVPinterruptwilloccurwhenthe
correspondinginterruptisenabledandwillforcetheA1Xoutputlow.
PGDR Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
—
—
—
PGDF
R/W
—
—
—
—
—
—
—
R
POR
—
—
—
—
—
—
—
0
Bit7~1
Unimplemented,readas"0"
Bit0
PGDF:PowerGoodDetectionreadyflag
0:DetectVDD<4.6V
1:DetectVDD≥4.6V
Note:ThedevicecandetecttheVDDcurrentstatusbyPGDFbit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com