Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27721 Datasheet(PDF) 9 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 9 Page - ams AG

Back Button TSL27721 Datasheet HTML 5Page - ams AG TSL27721 Datasheet HTML 6Page - ams AG TSL27721 Datasheet HTML 7Page - ams AG TSL27721 Datasheet HTML 8Page - ams AG TSL27721 Datasheet HTML 9Page - ams AG TSL27721 Datasheet HTML 10Page - ams AG TSL27721 Datasheet HTML 11Page - ams AG TSL27721 Datasheet HTML 12Page - ams AG TSL27721 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
ams Datasheet
Page 9
[v1-00] 2016-Aug-26
Document Feedback
TSL2772 − Absolute Maximum Ratings
Figure 9:
Proximity Characteristics, VDD = 3 V, TA = 25°C, PGAIN = 1x, PEN = 1 (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
IDD
Supply current
LDR pulse ON
3
mA
ADC conversion
time step size
PTIME = 0xFF
2.58
2.73
2.9
ms
ADC number of
integration steps (1)
1
256
steps
ADC counts per
step (1)
PTIME = 0xFF
0
1023
counts
ADC count value
λp = 850 nm, Ee = 263.4μW/cm2,
PTIME = 0xFB, PPULSE = 4
CH0 diode
1500
2000
2500
counts
CH1 diode
900
1200
1500
ADC output
responsivity
λp = 850 nm, PTIME = 0xFB,
PPULSE = 1
CH0 diode
1.90
counts/
(
μW/cm2)
CH1 diode
1.14
Gain scaling,
relative to 1x gain
setting
PGAIN = 2x
2
x
PGAIN = 4x
4
PGAIN = 8x
8
Noise (1)(2)(3)
Ee = 0, PTIME = 0xFB, PPULSE = 4 (6)
CH0 diode
0.5
%FS
CH1 diode
0.5
LED pulse count (1)
0255
pulses
LED pulse period
16.0
μs
LED pulse width —
LED ON time
7.3
μs
LED drive current
ISINK sink current
@ 1.6 V, LDR pin
120 mA: PDRIVE = 0 & PDL = 0
87
116
145
mA
60 mA: PDRIVE = 1 & PDL = 0
58
30 mA: PDRIVE = 2 & PDL = 0
29
15 mA: PDRIVE = 3 & PDL = 0
14.5
15 mA: PDRIVE = 0 & PDL =1
12.9
7.5 mA: PDRIVE =1 & PDL =1
6.4
3.8 mA: PDRIVE =2 & PDL =1
3.2
1.9 mA: PDRIVE =3 & PDL =1
1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com