Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27721 Datasheet(PDF) 33 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 33 Page - ams AG

Back Button TSL27721 Datasheet HTML 29Page - ams AG TSL27721 Datasheet HTML 30Page - ams AG TSL27721 Datasheet HTML 31Page - ams AG TSL27721 Datasheet HTML 32Page - ams AG TSL27721 Datasheet HTML 33Page - ams AG TSL27721 Datasheet HTML 34Page - ams AG TSL27721 Datasheet HTML 35Page - ams AG TSL27721 Datasheet HTML 36Page - ams AG TSL27721 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
ams Datasheet
Page 33
[v1-00] 2016-Aug-26
Document Feedback
TSL2772 − Principles Of Operation
Wait Time Register (0x03)
Wait time is set 2.73 ms increments unless the WLONG bit is
asserted in which case the wait times are 12x longer. WTIME is
programmed as a 2’s complement number. Upon power up, the
wait time register is set to 0xFF.
Figure 35:
Wait Time Register
Note(s):
1. The Proximity Wait Time Register should be configured before PEN and/or AEN is/are asserted.
ALS Interrupt Threshold Registers (0x04 - 0x07)
The ALS interrupt threshold registers provides the values to be
used as the high and low trigger points for the comparison
function for interrupt generation. If C0DATA crosses below the
low threshold specified, or above the higher threshold, an
interrupt is asserted on the interrupt pin.
Figure 36:
ALS Interrupt Threshold Registers
Field
Bits
Description
WTIME
7:0
REGISTER VALUE
WAIT TIME
TIME (WLONG = 0)
TIME (WLONG = 1)
0xFF
1
2.73 ms
0.033 sec
0xB6
74
202 ms
2.4 sec
0x00
256
699 ms
8.4 sec
Register
Address
Bits
Description
AILTL
0x04
7:0
ALS low threshold lower byte
AILTH
0x05
7:0
ALS low threshold upper byte
AIHTL
0x06
7:0
ALS high threshold lower byte
AIHTH
0x07
7:0
ALS high threshold upper byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com