Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27721 Datasheet(PDF) 11 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 11 Page - ams AG

Back Button TSL27721 Datasheet HTML 7Page - ams AG TSL27721 Datasheet HTML 8Page - ams AG TSL27721 Datasheet HTML 9Page - ams AG TSL27721 Datasheet HTML 10Page - ams AG TSL27721 Datasheet HTML 11Page - ams AG TSL27721 Datasheet HTML 12Page - ams AG TSL27721 Datasheet HTML 13Page - ams AG TSL27721 Datasheet HTML 14Page - ams AG TSL27721 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
ams Datasheet
Page 11
[v1-00] 2016-Aug-26
Document Feedback
TSL2772 − Absolute Maximum Ratings
Figure 12:
AC Electrical Characteristics, VDD = 3 V, TA = 25°C, (unless otherwise noted)
Note(s):
1. Specified by design and characterization; not production tested.
Parameter Measurement Information
Figure 13:
Timing Diagrams
Symbol
Parameter (1)
Test
Conditions
Min
Typ
Max
Unit
f(SCL)
Clock frequency (I²C only)
0
400
kHz
t(BUF)
Bus free time between start and stop
condition
1.3
μs
t(HDSTA)
Hold time after (repeated) start
condition. After this period, the first
clock is generated.
0.6
μs
t(SUSTA)
Repeated start condition setup time
0.6
μs
t(SUSTO)
Stop condition setup time
0.6
μs
t(HDDAT)
Data hold time
0
μs
t(SUDAT)
Data setup time
100
ns
t(LOW)
SCL clock low period
1.3
μs
t(HIGH)
SCL clock high period
0.6
μs
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
300
ns
Ci
Input pin capacitance
10
pF
Start
Condition
Stop
Condition
P
SDA
t(SUSTO)
t(SUDAT)
t(HDDAT)
t(BUF)
VIH
VIL
SCL
t(SUSTA)
t(HIGH)
t(F)
t(R)
t(HDSTA)
t(LOW)
VIH
VIL
PS
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com