Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27721 Datasheet(PDF) 40 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 40 Page - ams AG

Back Button TSL27721 Datasheet HTML 36Page - ams AG TSL27721 Datasheet HTML 37Page - ams AG TSL27721 Datasheet HTML 38Page - ams AG TSL27721 Datasheet HTML 39Page - ams AG TSL27721 Datasheet HTML 40Page - ams AG TSL27721 Datasheet HTML 41Page - ams AG TSL27721 Datasheet HTML 42Page - ams AG TSL27721 Datasheet HTML 43Page - ams AG TSL27721 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Page 40
ams Datasheet
Document Feedback
[v1-00] 2016-Aug-26
TSL2772 − Principles O f Operation
ID Register (0x12)
The ID Register provides the value for the part number. The ID
register is a read-only register.
Figure 42:
ID Register
Status Register (0x13)
The Status Register provides the internal status of the device.
This register is read only.
Figure 43:
Status Register
76
5
4
3
2
1
0
ID
Field
Bits
Description
ID
7:0
Part number identification
0x30 = TSL27721 & TSL27725
0x39 = TSL27723 & TSL27727
76
5
4
3
2
1
0
Reserved
PSAT
PINT
AINT
Reserved
PVALID
AVALID
Field
Bit
Description
Reserved
7
Reserved. Bit reads as 0.
PSAT
6
Proximity Saturation. Indicates that the proximity measurement
saturated.
PINT
5
Proximity Interrupt. Indicates that the device is asserting a proximity
interrupt.
AINT
4
ALS Interrupt. Indicates that the device is asserting an ALS interrupt.
Reserved
3:2
Reserved. Bit reads as 0.
PVALID
1
Proximity Valid. Indicates that the proximity channel has completed
an integration cycle after PEN has been asserted.
AVALID
0
ALS Valid. Indicates that the ALS channels have completed an
integration cycle after AEN has been asserted..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com