Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27721 Datasheet(PDF) 32 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 32 Page - ams AG

Back Button TSL27721 Datasheet HTML 28Page - ams AG TSL27721 Datasheet HTML 29Page - ams AG TSL27721 Datasheet HTML 30Page - ams AG TSL27721 Datasheet HTML 31Page - ams AG TSL27721 Datasheet HTML 32Page - ams AG TSL27721 Datasheet HTML 33Page - ams AG TSL27721 Datasheet HTML 34Page - ams AG TSL27721 Datasheet HTML 35Page - ams AG TSL27721 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-00] 2016-Aug-26
TSL2772 − Principles O f Operation
ALS Time Register (0x01)
The ALS time register controls the internal integration time of
the ALS channel ADCs in 2.73 ms increments. Upon power up,
the ALS time register is set to 0xFF.
Figure 33:
ALS Integration Time Register
Proximity Time Register (0x02)
The proximity timing register controls the integration time of
the proximity ADC in 2.73 ms increments. Upon power up, the
proximity time register is set to 0xFF. It is recommended that
this register be programmed to a value of 0xFF (1 integration
cycle).
Figure 34:
Proximity Integration Time Control Register
Field
Bits
Description
ATIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.73 ms
1024
0xF6
10
27.3 ms
10240
0xDB
37
101 ms
37888
0xC0
64
175 ms
65535
0x00
256
699 ms
65535
Field
Bits
Description
PTIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.73 ms
1023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com