Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27721 Datasheet(PDF) 47 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 47 Page - ams AG

Back Button TSL27721 Datasheet HTML 43Page - ams AG TSL27721 Datasheet HTML 44Page - ams AG TSL27721 Datasheet HTML 45Page - ams AG TSL27721 Datasheet HTML 46Page - ams AG TSL27721 Datasheet HTML 47Page - ams AG TSL27721 Datasheet HTML 48Page - ams AG TSL27721 Datasheet HTML 49Page - ams AG TSL27721 Datasheet HTML 50Page - ams AG TSL27721 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
ams Datasheet
Page 47
[v1-00] 2016-Aug-26
Document Feedback
TSL2772 − Carrier Tape & Reel Information
Figure 51:
Package FN Carrier Tape
Note(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ± 0.10 mm unless otherwise noted.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001.
4. Each reel is 178 millimeters in diameter and contains 3500 parts.
5. ams packaging tape and reel conform to the requirements of EIA Standard 481−B.
6. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
7. This drawing is subject to change without notice.
Carrier Tape & Reel Information
Green
RoHS
TOP VIEW
DETAIL A
2.18
+ 0.05
Ao
0.254
+ 0.02
5
5 Max
4.00
8.00
3.50
+ 0.05
j 1.50
4.00
2.00
+ 0.05
+ 0.30
− 0.10
1.75
B
B
AA
j 1.00
+ 0.25
DETAIL B
2.18
+ 0.05
Bo
5
5 Max
0.83
+ 0.05
Ko



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com