Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27721 Datasheet(PDF) 16 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 16 Page - ams AG

Back Button TSL27721 Datasheet HTML 12Page - ams AG TSL27721 Datasheet HTML 13Page - ams AG TSL27721 Datasheet HTML 14Page - ams AG TSL27721 Datasheet HTML 15Page - ams AG TSL27721 Datasheet HTML 16Page - ams AG TSL27721 Datasheet HTML 17Page - ams AG TSL27721 Datasheet HTML 18Page - ams AG TSL27721 Datasheet HTML 19Page - ams AG TSL27721 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-00] 2016-Aug-26
System State Machine
An internal state machine provides system control of the ALS,
proximity detection, and power management features of the
device. At power up, an internal power-on-reset initializes the
device and puts it in a low-power Sleep state.
When a start condition is detected on the I²C bus, the device
transitions to the Idle state where it checks the Enable register
(0x00) PON bit. If PON is disabled, the device will return to the
Sleep state to save power. Otherwise, the device will remain in
the Idle state until a proximity or ALS function is enabled. Once
enabled, the device will execute the Prox, Wait, and ALS states
in sequence as indicated in Figure 21. Upon completion and
return to Idle, the device will automatically begin a new
prox-wait-ALS cycle as long as PON and either PEN or AEN
remain enabled.
If the Prox or ALS function generates an interrupt and the
Sleep-After-Interrupt (SAI) feature is enabled, the device will
transition to the Sleep state and remain in a low-power mode
until an I²C command is received. See the Interrupts section for
additional information.
Figure 21:
Simplified State Diagram
Principles Of Operation
!PEN &
!WEN
& AEN
!WEN
& !AEN
PEN
Sleep
Idle
Wait
ALS
Prox
I2C
Start
!PON
INT & SAI
AEN
WEN
INT & SAI
!AEN
!PEN &
WEN &
AEN
!WEN
& AEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com