Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27721 Datasheet(PDF) 37 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 37 Page - ams AG

Back Button TSL27721 Datasheet HTML 33Page - ams AG TSL27721 Datasheet HTML 34Page - ams AG TSL27721 Datasheet HTML 35Page - ams AG TSL27721 Datasheet HTML 36Page - ams AG TSL27721 Datasheet HTML 37Page - ams AG TSL27721 Datasheet HTML 38Page - ams AG TSL27721 Datasheet HTML 39Page - ams AG TSL27721 Datasheet HTML 40Page - ams AG TSL27721 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
ams Datasheet
Page 37
[v1-00] 2016-Aug-26
Document Feedback
TSL2772 − Principles Of Operation
Configuration Register (0x0D)
The configuration register sets the proximity LED drive level,
wait long time, and ALS gain level.
Figure 39:
Configuration Register
Proximity Pulse Count Register (0x0E)
The proximity pulse count register sets the number of proximity
pulses that the LDR pin will generate during the Prox Accum
state.
Figure 40:
Proximity Pulse Count Register
76
5
4
3
2
1
0
Reserved
AGL
WLONG
PDL
Field
Bits
Description
Reserved
7:3
Reserved. Write as 0.
AGL
2
ALS gain level. When asserted, the 1x and 8x ALS gain (AGAIN) modes are scaled by
0.16. Otherwise, AGAIN is scaled by 1. Do not use with AGAIN greater than 8x.
WLONG
1
Wait Long. When asserted, the wait cycles are increased by a factor 12x from that
programmed in the WTIME register.
PDL
0
Proximity drive level. When asserted, the proximity LDR drive current is reduced by 9.
76
5
4
3
2
1
0
PPULSE
Field
Bits
Description
PPULSE
7:0
Proximity Pulse Count. Specifies the number of proximity pulses to be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com