Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27721 Datasheet(PDF) 19 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 19 Page - ams AG

Back Button TSL27721 Datasheet HTML 15Page - ams AG TSL27721 Datasheet HTML 16Page - ams AG TSL27721 Datasheet HTML 17Page - ams AG TSL27721 Datasheet HTML 18Page - ams AG TSL27721 Datasheet HTML 19Page - ams AG TSL27721 Datasheet HTML 20Page - ams AG TSL27721 Datasheet HTML 21Page - ams AG TSL27721 Datasheet HTML 22Page - ams AG TSL27721 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
ams Datasheet
Page 19
[v1-00] 2016-Aug-26
Document Feedback
TSL2772 − Principles Of Operation
Proximity Detection
Proximity detection is accomplished by measuring the amount
of light energy, generally from an IR LED, reflected off an object
to determine its distance. The proximity light source, which is
external to the TSL2772 device, is driven by the integrated
proximity LED current driver as shown in Figure 23.
Figure 23:
Proximity Detection
The LED current driver, output on the LDR terminal, provides a
regulated current sink that eliminates the need for an external
current limiting resistor. The combination of proximity LED
drive strength (PDRIVE) and proximity drive level (PDL)
determine the drive current. PDRIVE sets the drive current to
120 mA, 60 mA, 30 mA, or 15 mA when PDL is not asserted.
However, when PDL is asserted, the drive current is reduced by
a factor of about 8 at VLDR = 1.6 V. To drive an external light
source with more than 120 mA or to minimize on-chip ground
bounce, LDR can be used to drive an external p-type transistor,
which in turn drives the light source.
Referring to the Detailed State Machine figure, the LED current
driver pulses the external IR LED as shown in Figure 24 during
the Prox Accum state. Figure 24 also illustrates that the LED On
pulse has a fixed width of 7.3
μs and period of 16.0 μs. So, in
addition to setting the proximity drive current, 1 to 255
proximity pulses (PPULSE) can be programmed. When deciding
on the number of proximity pulses, keep in mind that the signal
increases proportionally to PPULSE, while noise increases by
the square root of PPULSE.
CH1
Prox
Integration
Prox Control
Prox
ADC
Prox LED
Current Driver
CH0
PDATAH(r0x019)
PDRIVE(r0x0F, b7:6)
Prox
Data
External IR
LED
PTIME(r0x02)
PVALID(r0x13, b1)
VDD
PDL(r0x0D,b0)
PPULSE(r0x0E)
PGAIN(r0x0F, b3:2)
POFFSET(r0x1E)
PSAT(r0x13, b6)
PDIODE(r0x0F, b5:4)
Background Energy
PDATAL(r0x018)
LDR
Object



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com