Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27721 Datasheet(PDF) 27 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 27 Page - ams AG

Back Button TSL27721 Datasheet HTML 23Page - ams AG TSL27721 Datasheet HTML 24Page - ams AG TSL27721 Datasheet HTML 25Page - ams AG TSL27721 Datasheet HTML 26Page - ams AG TSL27721 Datasheet HTML 27Page - ams AG TSL27721 Datasheet HTML 28Page - ams AG TSL27721 Datasheet HTML 29Page - ams AG TSL27721 Datasheet HTML 30Page - ams AG TSL27721 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
ams Datasheet
Page 27
[v1-00] 2016-Aug-26
Document Feedback
TSL2772 − Principles Of Operation
I²C Protocol
Interface and control are accomplished through an I²C serial
compatible interface (standard or fast mode) to a set of registers
that provide access to device control functions and output data.
The devices support the 7-bit I²C addressing protocol.
The I²C standard provides for three types of bus transaction:
read, write, and a combined protocol (Figure 29). During a write
operation, the first byte written is a command byte followed by
data. In a combined protocol, the first byte written is the
command byte followed by reading a series of bytes. If a read
command is issued, the register address from the previous
command will be used for data access. Likewise, if the MSB of
the command is not set, the device will write a series of bytes
at the address stored in the last valid command with a register
address. The command byte contains either control information
or a 5-bit register address. The control commands can also be
used to clear interrupts.
The I²C bus protocol was developed by Philips (now NXP). For
a complete description of the I²C protocol, please review the
NXP I²C design specification at
http://www.i2c-bus.org/references/.
Figure 29:
I²C Protocols
W
7
Data Byte
Slave Address
S
1
AA
A
8
11
1
8
Command Code
1
P
1
...
I2C Write Protocol
I2C Read Protocol
I2C Read Protocol — Combined Format
R
7
Data
Slave Address
S
1
AA
A
8
11
1
8
Data
1
P
1
...
W
7
Slave Address
Slave Address
S
1
AR
A
8
11
1
7
1
1
Command Code
Sr
1
A
Data
A
A
81
8
Data
1
P
1
...
A
Acknowledge (0)
N
Not Acknowledged (1)
P
Stop Condition
R
Read (1)
S
Start Condition
Sr
Repeated Start Condition
W
Write (0)
...
Continuation of protocol
Master-to-Slave
Slave-to-Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com