Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27721 Datasheet(PDF) 43 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 43 Page - ams AG

Back Button TSL27721 Datasheet HTML 39Page - ams AG TSL27721 Datasheet HTML 40Page - ams AG TSL27721 Datasheet HTML 41Page - ams AG TSL27721 Datasheet HTML 42Page - ams AG TSL27721 Datasheet HTML 43Page - ams AG TSL27721 Datasheet HTML 44Page - ams AG TSL27721 Datasheet HTML 45Page - ams AG TSL27721 Datasheet HTML 46Page - ams AG TSL27721 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
ams Datasheet
Page 43
[v1-00] 2016-Aug-26
Document Feedback
TSL2772 − Application Information Hardware
LED Driver Pin with Proximity Detection
In a proximity sensing system, the IR LED can be pulsed by the
TSL2772 with more than 100 mA of rapidly switching current,
therefore, a few design considerations must be kept in mind to
get the best performance. The key goal is to reduce the power
supply noise coupled back into the device during the LED
pulses.
The first recommendation is to use two power supplies; one for
the device VDD and the other for the IR LED. In many systems,
there is a quiet analog supply and a noisy digital supply. By
connecting the quiet supply to the VDD pin and the noisy supply
to the LED, the key goal can be meet. Place a 1-
μF low-ESR
decoupling capacitor as close as possible to the VDD pin and
another at the LED anode, and a 22-
μF capacitor at the output
of the LED voltage regulator to supply the 100-mA current
surge.
Figure 47:
Proximity Sensing Using Separate Power Supplies
If it is not possible to provide two separate power supplies, the
device can be operated from a single supply. A 22-
Ω resistor in
series with the VDD supply line and a 1-μF low ESR capacitor
effectively filter any power supply noise. The previous capacitor
placement considerations apply.
Application Information
Hardware
TSL2772
INT
SDA
SCL
VDD
LDR
1
mF
Voltage
Regulator
Voltage
Regulator
. 22 mF
* Cap Value Per Regulator Manufacturer Recommendation
IR LED
GND
VBUS
RP
RP
RPI
C*
1
mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com