Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27721 Datasheet(PDF) 25 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 25 Page - ams AG

Back Button TSL27721 Datasheet HTML 21Page - ams AG TSL27721 Datasheet HTML 22Page - ams AG TSL27721 Datasheet HTML 23Page - ams AG TSL27721 Datasheet HTML 24Page - ams AG TSL27721 Datasheet HTML 25Page - ams AG TSL27721 Datasheet HTML 26Page - ams AG TSL27721 Datasheet HTML 27Page - ams AG TSL27721 Datasheet HTML 28Page - ams AG TSL27721 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
ams Datasheet
Page 25
[v1-00] 2016-Aug-26
Document Feedback
TSL2772 − Principles Of Operation
Power Management
Power consumption can be managed with the Wait state,
because the Wait state typically consumes only 90
μA of IDD
current. An example of the power management feature is given
below. With the assumptions provided in the example, average
IDD is estimated to be 182 μA.
Figure 27:
Power Management
Note(s):
1. Prox Accum - LED ON time = 7.3
μs per pulse × 4 pulses = 29.3μs = 0.029 ms
2. Prox Accum - LED OFF time = 8.7
μs per pulse × 4 pulses = 34.7μs = 0.035 ms
Average IDD Current = ((0.029 × 119) + (0.035 × 0.200) + (2.73 ×
0.200) + (49.2
× 0.090) + (49.2 × 0.200) + (2.73 × 0.200 × 3)) /109
≈ 182
μA
Keeping with the same programmed values as the example,
Figure 28 shows how the average IDD current is affected by the
Wait state time, which is determined by WEN, WTIME, and
WLONG. Note that the worst-case current occurs when the Wait
state is not enabled.
System State
Machine State
Programmable
Parameter
Programmed
Value
Duration
Typical
Current
Prox Init
2.73 ms
0.200 mA
Prox Accum
PPULSE
0x04
0.064 ms
Prox Accum − LED ON
0.029 ms (1)
119 mA
Prox Accum − LED OFF
0.035 ms(2)
0.200 mA
Prox Wait
2.73 ms
0.200 mA
Prox ADC
PTIME
0xFF
2.73 ms
0.200 mA
Wait
WTIME
0xEE
49.2 ms
0.090 mA
WLONG
0
ALS Init
2.73 ms
0.200 mA
ALS ADC
ATIME
0xEE
49.2 ms
0.200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com