Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27721 Datasheet(PDF) 44 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 44 Page - ams AG

Back Button TSL27721 Datasheet HTML 40Page - ams AG TSL27721 Datasheet HTML 41Page - ams AG TSL27721 Datasheet HTML 42Page - ams AG TSL27721 Datasheet HTML 43Page - ams AG TSL27721 Datasheet HTML 44Page - ams AG TSL27721 Datasheet HTML 45Page - ams AG TSL27721 Datasheet HTML 46Page - ams AG TSL27721 Datasheet HTML 47Page - ams AG TSL27721 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
Page 44
ams Datasheet
Document Feedback
[v1-00] 2016-Aug-26
TSL2772 − Application Information Hardware
Figure 48:
Proximity Sensing Using Single Power Supply
VBUS in the above figures refers to the I²C bus voltage which is
either VDD or 1.8 V. Be sure to apply the specified I²C bus voltage
shown in the Ordering and Contact Information table for the
specific device being used.
The I²C signals and the Interrupt are open-drain outputs and
require pull.up resistors. The pull-up resistor (RP) value is a
function of the I²C bus speed, the I²C bus voltage, and the
capacitive load. The ams EVM running at 400 kbit/s, uses 1.5-k
Ω
resistors. A 10-k
Ω pull-up resistor (RPI) can be used for the
interrupt line.
TSL2772
INT
SDA
SCL
VDD
LDR
1
mF
Voltage
Regulator
. 22 mF
IR LED
GND
VBUS
RP
RP
RPI
1
mF
22
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com