Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27721 Datasheet(PDF) 18 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 18 Page - ams AG

Back Button TSL27721 Datasheet HTML 14Page - ams AG TSL27721 Datasheet HTML 15Page - ams AG TSL27721 Datasheet HTML 16Page - ams AG TSL27721 Datasheet HTML 17Page - ams AG TSL27721 Datasheet HTML 18Page - ams AG TSL27721 Datasheet HTML 19Page - ams AG TSL27721 Datasheet HTML 20Page - ams AG TSL27721 Datasheet HTML 21Page - ams AG TSL27721 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-00] 2016-Aug-26
TSL2772 − Principles O f Operation
The registers for programming the integration and wait times
are a 2’s compliment values. The actual time can be calculated
as follows:
ATIME = 256 - Integration Time / 2.73 ms
Inversely, the time can be calculated from the register value as
follows:
Integration Time = 2.73 ms
× (256 - ATIME)
In order to reject 50/60-Hz ripple strongly present in fluorescent
lighting, the integration time needs to be programmed in
multiples of 10 / 8.3 ms or the half cycle time. Both frequencies
can be rejected with a programmed value of 50 ms (ATIME =
0xED) or multiples of 50 ms (i.e. 100, 150, 200, 400, 600).
The registers for programming the AGAIN hold a two-bit value
representing a gain of 1x, 8x, 16x, or 120x. The gain, in terms of
amount of gain, will be represented by the value AGAINx, i.e.
AGAINx = 1, 8, 16, or 120. With the AGL bit set, the 1x and 8x
gains are lowered to 1/6x and 8/6x, respectively, to allow for
operation up to 60k lux. Do not enable AGL when AGAIN is 16x
or 120x.
Lux Equation
The lux calculation is a function of CH0 channel count (C0DATA),
CH1 channel count (C1DATA), ALS gain (AGAINx), and ALS
integration time in milliseconds (ATIME_ms). If an aperture,
glass/plastic, or a light pipe attenuates the light equally across
the spectrum (300 nm to 1100 nm), then a scaling factor referred
to as glass attenuation (GA) can be used to compensate for
attenuation. For a device in open air with no aperture or
glass/plastic above the device, GA = 1. If it is not spectrally flat,
then a custom lux equation with new coefficients should be
generated. (See ams application note).
Counts per Lux (CPL) needs to be calculated only when ATIME
or AGAIN is changed, otherwise it remains a constant. The first
segment of the equation (Lux1) covers fluorescent and
incandescent light. The second segment (Lux2) covers dimmed
incandescent light. The final lux is the maximum of Lux1, Lux2,
or 0.
CPL = (ATIME_ms
× AGAINx) / (GA × 60)
Lux1 = (1
× C0DATA - 1.87 × C1DATA) / CPL
Lux2 = (0.63
× C0DATA - 1 × C1DATA) / CPL
Lux = MAX(Lux1, Lux2, 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com