Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27721 Datasheet(PDF) 46 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 46 Page - ams AG

Back Button TSL27721 Datasheet HTML 42Page - ams AG TSL27721 Datasheet HTML 43Page - ams AG TSL27721 Datasheet HTML 44Page - ams AG TSL27721 Datasheet HTML 45Page - ams AG TSL27721 Datasheet HTML 46Page - ams AG TSL27721 Datasheet HTML 47Page - ams AG TSL27721 Datasheet HTML 48Page - ams AG TSL27721 Datasheet HTML 49Page - ams AG TSL27721 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
Page 46
ams Datasheet
Document Feedback
[v1-00] 2016-Aug-26
TSL2772 − Package Information
Figure 50:
Package FN — Dual Flat No-Lead Packaging Configuration
Note(s):
1. All linear dimensions are in micrometers.
2. The die is centered within the package within a tolerance of ±75
μm.
3. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
4. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish.
5. This package contains no lead (Pb).
6. This drawing is subject to change without notice.
Package Information
2
2
PACKAGE FN
Dual Flat No-Lead
203
+ 8
6 SDA
5 INT
4 LDR
VDD 1
SCL 2
GND 3
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Lead Free
Pb
300
+ 50
650
BSC
2000
+ 100
2000
+ 100
PIN 1
PIN 1
END VIEW
650
+ 50
PIN OUT
TOP VIEW
750
+ 150
Photodiode Array Area
295
Nominal
355
+ 10
398
+ 10
CL of Solder Contacts
CL of Photodiode Array Area
(Note B)
1 Nominal
CL of Solder Contacts
of Photodiode Array Area (Note B)
CL
144 Nominal
2
2
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com