Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27721 Datasheet(PDF) 30 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 30 Page - ams AG

Back Button TSL27721 Datasheet HTML 26Page - ams AG TSL27721 Datasheet HTML 27Page - ams AG TSL27721 Datasheet HTML 28Page - ams AG TSL27721 Datasheet HTML 29Page - ams AG TSL27721 Datasheet HTML 30Page - ams AG TSL27721 Datasheet HTML 31Page - ams AG TSL27721 Datasheet HTML 32Page - ams AG TSL27721 Datasheet HTML 33Page - ams AG TSL27721 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-00] 2016-Aug-26
TSL2772 − Principles O f Operation
Command Register
The command registers specifies the address of the target
register for future write and read operations
Figure 31:
Command Register
76
5
4
3
2
1
0
COMMAND
TYPE
ADD
Field
Bits
Description
COMMAND
7
Select Command Register. Must write as 1 when addressing COMMAND register.
TYPE
6:5
Selects type of transaction to follow in subsequent data transfers:
FIELD VALUE
DESCRIPTION
00
Repeated byte protocol transaction
01
Auto-increment protocol transaction
10
Reserved — Do not use
11
Special function — See description below
Transaction type 00 will repeatedly read the same register with each data access.
Transaction type 01 will provide an auto-increment function to read successive
register bytes.
ADD
4:0
Address field/special function field. Depending on the transaction type, see above,
this field either specifies a special function command or selects the specific
control-status-register for following write and read transactions. The field values listed
below apply only to special function commands:
FIELD VALUE
DESCRIPTION
00000
Normal — No action
00101
Proximity interrupt clear
00110
ALS interrupt clear
00111
Proximity and ALS interrupt clear
other
Reserved — Do not write
ALS/Proximity Interrupt Clear clears any pending ALS/Proximity interrupt. This special
function is self clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com