Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27721 Datasheet(PDF) 17 Page - ams AG

Part # TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Datasheet(HTML) 17 Page - ams AG

Back Button TSL27721 Datasheet HTML 13Page - ams AG TSL27721 Datasheet HTML 14Page - ams AG TSL27721 Datasheet HTML 15Page - ams AG TSL27721 Datasheet HTML 16Page - ams AG TSL27721 Datasheet HTML 17Page - ams AG TSL27721 Datasheet HTML 18Page - ams AG TSL27721 Datasheet HTML 19Page - ams AG TSL27721 Datasheet HTML 20Page - ams AG TSL27721 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
ams Datasheet
Page 17
[v1-00] 2016-Aug-26
Document Feedback
TSL2772 − Principles Of Operation
Photodiodes
Conventional ALS detectors respond strongly to infrared light,
which the human eye does not see. This can lead to significant
error when the infrared content of the ambient light is high
(such as with incandescent lighting).
This problem is overcome through the use of two photodiodes.
The Channel 0 photodiode, referred to as the CH0 channel, is
sensitive to both visible and infrared light, while the Channel 1
photodiode, referred to as CH1, is sensitive primarily to infrared
light. Two integrating ADCs convert the photodiode currents to
digital outputs. The ADC digital outputs from the two channels
are used in a formula to obtain a value that approximates the
human eye response in units of lux.
ALS Operation
The ALS engine contains ALS gain control (AGAIN) and two
integrating analog-to-digital converters (ADC), one for the CH0
and one for the CH1 photodiodes. The ALS integration time
(ATIME) impacts both the resolution and the sensitivity of the
ALS reading. Integration of both channels occurs
simultaneously and upon completion of the conversion cycle,
the results are transferred to the data registers (C0DATA and
C1DATA). This data is also referred to as channel count. The
transfers are double-buffered to ensure data integrity.
Figure 22:
ALS Operation
CH1
ADC
ALS Control
CH1
Data
CH0
ALS
CH0
Data
AGAIN(r0x0F, b1:0)
1
y, 8y, 16y, 120y Gain
CH0
CH1
C0DATAH(r0x15), C0DATA(r0x14)
C1DATAH(r0x17), C1DATA(r0x16)
ATIME(r 1)
2.73 ms to 699 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com