Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5902 Datasheet(PDF) 31 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 27Page - Analog Devices ADF5902 Datasheet HTML 28Page - Analog Devices ADF5902 Datasheet HTML 29Page - Analog Devices ADF5902 Datasheet HTML 30Page - Analog Devices ADF5902 Datasheet HTML 31Page - Analog Devices ADF5902 Datasheet HTML 32Page - Analog Devices ADF5902 Datasheet HTML 33Page - Analog Devices ADF5902 Datasheet HTML 34Page - Analog Devices ADF5902 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 31 of 39
APPLICATIONS INFORMATION
INITIALIZATION SEQUENCE
After powering up the device, administer the programming
sequence shown in Table 7.
This sequence locks the VCO to 24.025 GHz with a 100 MHz
reference. The ramp-up rate is 200 MHz at 144 μs. The ramp-
down rate is 200 MHz at 9 μs.
Table 7. Initialization Sequence
Step
Register
Hexadecimal Code
Description
1
R7
0x02000007
Master reset
2
R11
0x0000002B
Reset the counters
3
R11
0x0000000B
Enable counters
4
R13
0x0018000D
Enable ramp divider
5
R10
0x1D32A64A
Reserved
6
R9
0x2A20B929
VCO calibration setup
7
R8
0x40003E88
Set the VCO frequency calibration divider clock to 100 kHz
8
R0
0x800FE520
Power up the device and LO
Delay of 10 μs
9
R7
0x01800827
PFD = 50 MHz, CLK1 = 2048
10
R6
0x00000006
Set the LSB FRAC = 0
11
R5
0x01E38005
N = 241.175
12
R4
0x00000004
Set the ATEST pin to high impedance
13
R3
0x01897803
Sets the I/O level to 3.3 V, CAL_BUSY to MUXOUT
14
R2
0x00020642
Set ADC clock to 1 MHz
15
R1
0xFFF7FFE1
Set the transmitter amplitude level
16
R0
0x800FE720
Start the VCO frequency calibration
Delay of 1200 μs
17
R0
0x800FE560
Turn Tx1 on, Tx2 off, and LO on
18
R0
0x800FED60
Tx1 amplitude calibration
Delay of 500 μs
19
R0
0x800FE5A0
Turn Tx1 off, Tx2 on, and LO on
20
R0
0x800FF5A0
Tx2 amplitude calibration
Delay of 500 μs
21
R17
0x00000011
Reserved
22
R16
0x00000010
Ramp delay register
23
R15
0x0000120F
Load step register with STEP_SEL = 0, step word is 144
24
R15
0x0200012F
Load step register with STEP_SEL = 1, step word is 9
25
R15
0x0400120F
Load step register with STEP_SEL = 2, step word is 144
26
R15
0x0600012F
Load step register with STEP_SEL = 3, step word is 9
27
R14
0x012038EE
Load deviation register with DEV_SEL = 0, DEV = 455, DEV offset = 9
28
R14
0x033C720E
Load deviation register with DEV_SEL = 1, dev word= −1820, DEV
offset = 9
29
R14
0x052038EE
Load deviation register with DEV_SEL = 2, dev word = 455, dev offset = 9
30
R14
0x73C720E
Load deviation register with DEV_SEL = 3, dev word = −1820 dev
offset = 9
31
R13
0x0018050D
Load the clock register with CLK DIV SEL = 0, CLK2_0 = 10
32
R13
0x0018052D
Load the clock register with CLK DIV SEL = 1, CLK2_1 = 10
33
R13
0x0018054D
Load the clock register with CLK DIV SEL = 2, CLK2_2 = 10
34
R13
0x0018056D
Load the clock register with CLK DIV SEL = 3, CLK2_3 = 10
35
R12
0x004F000C
Charge pump current = 2.24 mA
36
R9
0x2800B929
Normal Operation
37
R7
0x0100A027
PFD = 100 MHz, CLK1 = 10
38
R6
0x00000006
Set the LSB FRAC = 0
39
R5
0x00F04005
INT =120, MSB FRAC = 512; lock to 24.025 GHz
40
R4
0x00002004
Ramp down to MUXOUT
41
R3
0x0189F803
I/O voltage level to 3.3 V
Delay of 100 μs
42
R11
0x0000010B
Select ramp mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com