Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5902 Datasheet(PDF) 36 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 31Page - Analog Devices ADF5902 Datasheet HTML 32Page - Analog Devices ADF5902 Datasheet HTML 33Page - Analog Devices ADF5902 Datasheet HTML 34Page - Analog Devices ADF5902 Datasheet HTML 35Page - Analog Devices ADF5902 Datasheet HTML 36Page - Analog Devices ADF5902 Datasheet HTML 37Page - Analog Devices ADF5902 Datasheet HTML 38Page - Analog Devices ADF5902 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
ADF5902
Data Sheet
Rev. 0 | Page 36 of 39
TIME
DELAY 0
DELAY 1
SL
OP
E
0
SL
OP
E
2
SL
OP
E
1
SL
OP
E
3
DELAY 3
NOTES
- ALL DELAYS ARE OPTIONAL.
- DELAY 0 TO DELAY 3 ARE ENABLED BY REG 16, BITS[DB19].
- CONTINUOUS SAWTOOTH RAMP:
- RAMP MODE (REG 11, BITS[DB8:DB7]) MUST BE SET TO 0b00.
- SLOPE 0 AND 2 MUST BE PROGRAMMED (EVEN
IF SLOPE 0 AND SLOPE 2 ARE THE SAME).
- CONTINUOUS TRIANGULAR RAMP:
- RAMP MODE (REG 11, BITS[DB8:DB7]) MUST BE SET TO 0b10.
- SLOPE 0, SLOPE 1, SLOPE 2, AND SLOPE 3 MUST BE PROGRAMMED.
- SINGLE SAWTOOTH RAMP:
- RAMP MODE (REG 11, BITS[DB8:DB7]) MUST BE SET TO 0b01.
- SLOPE 0 MUST BE PROGRAMMED.
- SINGLE RAMP BURST:
- RAMP MODE (R11BITS[DB8:DB7]) MUST BE SET TO 0b11.
- SLOPE 0 MUST BE PROGRAMMED.
- SINGLE TRIANGULAR RAMP:
- RAMP MODE (REG 11, BITS[DB8:DB7]) MUST BE SET TO 0b11.
- SLOPE 0 AND SLOPE 1 MUST BE PROGRAMMED.
- SING FULL TRI (REG 11, BIT[DB9]) = 1.
- WHEN PROGRAMMING SLOPE 1 OR SLOPE 3, DEV WORD
MUST BE NEGATIVE TO DECREASE THE FREQUENCY.
- NEGATIVE VALUES ARE TWOS COMPLEMENT BINARY.
- X = DON’T CARE.
SLOPE 3
STEP SELECT (REG 15, BITS[DB26:DB25]) = 0b11
STEP WORD (REG 15, BITS[DB24:DB5]) = X
DEV SELECT (REG 14, BITS[DB26:DB25]) = 0b11
DEV OFFSET (REG 14, BITS[DB24:DB21]) = X
DEV WORD (REG 14, BITS[DB20:DB5]) = –X (NOTE: NEGATIVE)
CLK DIV MODE (REG 13, BITS[DB20:DB19]) = 0b11
CLK2 DIVIDER (REG 13, BITS[DB18:DB7]) = X
CLK2 DIV SELECT (REG 13, BITS[DB6:DB5]) = 0b11
DELAY 3
DELAY SELECT (REG 16, BITS[DB24:DB23]) = 0b11
RAMP DELAY (REG 16, BITS[DB19]) = 1
DELAY WORD (REG 16, BITS[DB16:DB5]) = X
SLOPE 2
STEP SELECT (REG 15, BITS[DB26:DB25]) = 0b10
STEP WORD (REG 15, BITS[DB24:DB5]) = X
DEV SELECT (REG 14, BITS[DB22:DB25]) = 0b10
DEV OFFSET (REG 14, BITS[DB24:DB21]) = X
DEV WORD (REG 14, BITS[DB20:DB5]) = X
CLK DIV MODE (REG 13, BITS[DB20:DB19]) = 0b11
CLK2 DIVIDER (REG 13, BITS[DB18:DB7]) = X
CLK2 DIV SELECT (REG 13, BITS[DB6:DB5]) = 0b10
SLOPE 1
STEP SELECT (REG 15, BITS[DB26:DB25]) = 0b01
STEP WORD (REG 15, BITS[DB24:DB5]) = X
DEV SELECT (REG 14, BITS[DB26:DB25]) = 0b01
DEV OFFSET (REG 14, BITS[DB24:DB21]) = X
DEV WORD (REG 14, BITS[DB20:DB5]) = –X (NOTE: NEGATIVE)
CLK DIV MODE (REG 13, BITS[DB20:DB19]) = 0b11
CLK2 DIVIDER (REG 13, BITS[DB18:DB7]) = X
CLK2 DIV SELECT (REG 13, BITS[DB6:DB5]) = 0b01
SLOPE 0
STEP SELECT (REG 15, BITS[DB26:DB25]) = 0b00
STEP WORD (REG 15, BITS[DB24:DB5]) = X
DEV SELECT (REG 14, BITS[DB26:DB25]) = 0b00
DEV OFFSET (REG 14, BITS[DB24:DB21]) = X
DEV WORD (REG 14, BITS[DB20:DB5]) = X
CLK DIV MODE (REG 13, BITS[DB20:DB19]) = 0b11
CLK2 DIVIDER (REG 13, BITS[DB18:DB7]) = X
CLK2 DIV SELECT (REG 13, BITS[DB6:DB5]) = 0b00
DELAY 2
DELAY SELECT (REG 16, BITS[DB24:DB23]) = 0b10
RAMP DELAY (REG 16, BITS[DB19]) = 1
DELAY WORD (REG 16, BITS[DB16:DB5]) = X
DELAY 1
DELAY SELECT (REG 16, BITS[DB24:DB23]) = 0b01
RAMP DELAY (REG 16, BITS[DB19]) = 1
DELAY WORD (REG 16, BITS[DB16:DB5]) = X
DELAY 0
DELAY SELECT (REG 16, BITS[DB24:DB23]) = 0b00
RAMP DELAY (REG 16, BITS[DB19]) = 1
DELAY WORD (REG 16, BITS[DB16:DB5]) = X
DELAY 0
DELAY 2
Figure 49. Ramp Sections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com