Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5902 Datasheet(PDF) 15 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 11Page - Analog Devices ADF5902 Datasheet HTML 12Page - Analog Devices ADF5902 Datasheet HTML 13Page - Analog Devices ADF5902 Datasheet HTML 14Page - Analog Devices ADF5902 Datasheet HTML 15Page - Analog Devices ADF5902 Datasheet HTML 16Page - Analog Devices ADF5902 Datasheet HTML 17Page - Analog Devices ADF5902 Datasheet HTML 18Page - Analog Devices ADF5902 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 15 of 39
REGISTER 13 (R13)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
0
0
0
0000
00
LES CDM1 CDM0 C2D11 C2D10 C2D9 C2D8 C2D7 C2D6 C2D5 C2D4 C2D3 C2D2 C2D1 C2D0 CDS1 CDS0
C4(1) C3(1) C2(0) C1(1)
CONTROL
BITS
CLOCK DIVIDER 2
C5(0)
RESERVED
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
TDI
TRC
0
0
DS1
DS0
DO3
CONTROL
BITS
DO2 DO1
DO0 DW15 DW14 DW13 DW12 DW11 DW10 DW9 DW8 DW7 DW6 DW5 DW4 DW3 DW2 DW1 DW0
C4(1) C3(1) C2(1) C1(0)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
SS1
SS0 SW19
CONTROL
BITS
SW18 SW17 SW16 SW15 SW14 SW13 SW12 SW11 SW10 SW9 SW8 SW7
SW6 SW5 SW4 SW3 SW2 SW1 SW0
C4(1) C3(1) C2(1) C1(1)
REGISTER 14 (R14)
REGISTER 15 (R15)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
0
0
0
0
0
DSL1 DSL0
CONTROL
BITS
TR1
RD
DS11 DS10 DS9
DS8
DS7
DS6
DS5
DS4 DS3 DS2 DS1 DS0
C4(0) C3(0) C2(0) C1(0)
REGISTER 16 (R16)
C5(0)
STEP WORD
DELAY START WORD
C5(0)
C5(1)
DEVIATION WORD
DEVIATION OFFSET
DEVIATION
SEL
STEP
SEL
RESERVED
DELAY
SELECT
00
0
0
RESERVED
RESERVED
0
0
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
00
0
0
0
0
0
0
0
CONTROL
BITS
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
C4(0) C3(0) C2(0) C1(1)
REGISTER 17 (R17)
C5(1)
RESERVED
0
00
0
0
Figure 23. Register Summary (Register 13 to Register 17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com