Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5902 Datasheet(PDF) 33 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 29Page - Analog Devices ADF5902 Datasheet HTML 30Page - Analog Devices ADF5902 Datasheet HTML 31Page - Analog Devices ADF5902 Datasheet HTML 32Page - Analog Devices ADF5902 Datasheet HTML 33Page - Analog Devices ADF5902 Datasheet HTML 34Page - Analog Devices ADF5902 Datasheet HTML 35Page - Analog Devices ADF5902 Datasheet HTML 36Page - Analog Devices ADF5902 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 33 of 39
TEMPERATURE SENSOR
The ADF5902 has an on-chip temperature sensor that can be
accessed on the ATEST pin or as a digital word on DOUT
following an ADC conversion. The temperature sensor operates
over the full operating temperature range of −40°C to +105°C.
The accuracy can be improved by performing a one-point
calibration at room temperature and storing the result in
memory.
With the temperature sensor on the analog test bus and test bus
connected to the ATEST pin (Register 4 set to 0x0000A064), the
ATEST voltage can be converted to temperature with the
following equation:
GAIN
OFF
ATEST
V
V
V
e
Temperatur
C)
(
(3)
where:
VATEST is the voltage on the ATEST pin.
VOFF = 0.699 V, the offset voltage.
VGAIN = 6.4 × 10−3, the voltage gain.
The temperature sensor result can be converted to a digital
word with the ADC and readback on DOUT with the following
sequence:
1.
Write 0x00012064 to Register R4 to connect the analog test
bus to the ADC and the temperature sensor to the analog
test bus.
2.
Write 0x0002A802 to Register R2 to start the ADC
conversion.
3.
Write 0x0189FAC3 to Register R3 to set the ADC output
data to DOUT.
4.
Read back DOUT.
5.
Write 0x00002064 to Register R4 to reset Register R4 to the
initial value.
6.
Write 0x00020642 to Register R2 to reset Register R2 to the
initial value.
Convert the DOUT word to temperature with the following
equation:
GAIN
OFF
LSB
V
V
V
ADC
e
Temperatur
C)
(
(4)
where:
ADC is the ADC code read back on DOUT.
VLSB = 7.33 mV, the ADC LSB voltage.
VOFF = 0.699 V, the offset voltage.
VGAIN = 6.4 × 10−3, the voltage gain.
RF SYNTHESIS: A WORKED EXAMPLE
The following equation governs how to program the ADF5902:
RFOUT = (INT + (FRAC/225)) × fREF × 2
(5)
where:
RFOUT is the RF frequency output.
INT is the integer division factor.
FRAC is the fractionality.
fREF = REFIN × ((1 + D)/(R × (1 + T)))
(6)
where:
REFIN is the reference frequency input.
D is the reference doubler bit, DB10 in Register R7 (0 or 1).
R is the reference division factor.
T is the reference divide by 2 bit, DB11 in Register R7 (0 or 1).
For example, in a system where a 24.125 GHz RF frequency
output (RFOUT) is required and a 100 MHz reference frequency
input (REFIN) is available, fREF is set to 50 MHz.
From Equation 6,
fREF = (100 MHz × (1 + 0)/(1 × (1 + 1)) = 50 MHz
From Equation 5,
24.125 GHz = 50 MHz × (N + FRAC/225) × 2
Calculating the N and FRAC values,
N = int(RFOUT/(fREF × 2)) = 241
FRAC = FMSB × 213 + FLSB
FMSB = int(((RFOUT/(fREF × 2)) − N) × 212) = 1024
FLSB = int(((((RFOUT/(fREF × 2)) − N) × 212) − FMSB) × 213) = 0
where:
FMSB is the 12-bit MSB FRAC value in Register R5.
FLSB is the 13-bit LSB FRAC value in Register R6.
int() makes an integer of the argument in parentheses.
REFERENCE DOUBLER
The on-chip reference doubler allows the input reference signal to
be doubled. This doubling is useful for increasing the PFD compar-
ison frequency. Doubling the PFD frequency typically improves
the noise performance of the system by 3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com