Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5902 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 5 Page - Analog Devices

  ADF5902 Datasheet HTML 1Page - Analog Devices ADF5902 Datasheet HTML 2Page - Analog Devices ADF5902 Datasheet HTML 3Page - Analog Devices ADF5902 Datasheet HTML 4Page - Analog Devices ADF5902 Datasheet HTML 5Page - Analog Devices ADF5902 Datasheet HTML 6Page - Analog Devices ADF5902 Datasheet HTML 7Page - Analog Devices ADF5902 Datasheet HTML 8Page - Analog Devices ADF5902 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 5 of 39
TIMING SPECIFICATIONS
Write Timing Specifications
AHI = TX_AHI = RF_AHI = VCO_AHI = DVDD = CP_AHI = 3.3 V ± 5%, GND = 0 V, dBm referred to 50 Ω, TA = TMIN to TMAX, unless
otherwise noted. The operating temperature range is −40°C to +105°C.
Table 2.
Parameter
Limit at TMIN to TMAX
Unit
Description
t1
20
ns min
LE setup time
t2
10
ns min
DATA to CLK setup time
t3
10
ns min
DATA to CLK hold time
t4
25
ns min
CLK high duration
t5
25
ns min
CLK low duration
t6
10
ns min
CLK to LE setup time
t7
20
ns min
LE pulse width
t8
10
ns max
LE setup time to DOUT
t9
15
ns max
CLK setup time to DOUT
CLK
DATA
LE
DB30
DB1
(CONTROL BIT C2)
DB2
(CONTROL BIT C3)
DB0 (LSB)
(CONTRO BIT C1)
1
t2
t3
t4
t5
7
6
DB31 (MSB)
DB0
DB1
8
9
DB31
(MSB)
DB30
DOUT
Figure 2. Write Timing Diagram
500µA
IOL
500µA
IOH
DVDD/2
TO DOUT AND
MUXOUT PINS
CL
10pF
Figure 3. Load Circuit for DOUT/MUXOUT Timing, CL = 10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com