Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 268Page - Renesas Technology Corp HD64F2145 Datasheet HTML 269Page - Renesas Technology Corp HD64F2145 Datasheet HTML 270Page - Renesas Technology Corp HD64F2145 Datasheet HTML 271Page - Renesas Technology Corp HD64F2145 Datasheet HTML 272Page - Renesas Technology Corp HD64F2145 Datasheet HTML 273Page - Renesas Technology Corp HD64F2145 Datasheet HTML 274Page - Renesas Technology Corp HD64F2145 Datasheet HTML 275Page - Renesas Technology Corp HD64F2145 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 829 page
background image
Rev. 2.0, 08/02, page 232 of 788
10.3.3
PWM (D/A) Control Register (DACR)
DACR selects test mode, enables the PWM outputs, and selects the output phase and operating
speed.
Bit
Bit Name
Initial Value
R/W
Description
7
TEST
0
R/W
Test Mode
Selects test mode, which is used in testing this LSI.
Normally this bit should be cleared to 0.
0: PWM (D/A) in user state: Normal operation
1: PWM (D/A) in test state: Correct conversion results
unobtainable
6
PWME
0
R/W
PWM Enable
Starts or stops the PWM D/A counter (DACNT).
0: DACNT operates as a 14-bit up-counter
1: DACNT halts at H'0003
5
4
—
—
1
1
R
R
Reserved
These bits are always read as 1 and cannot be
modified.
3
OEB
0
R/W
Output Enable B
Enables or disables output on PWM (D/A) channel B.
0: PWM (D/A) channel B output (at the PWX1 pin) is
disabled
1: PWM (D/A) channel B output (at the PWX1 pin) is
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com