Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 267Page - Renesas Technology Corp HD64F2145 Datasheet HTML 268Page - Renesas Technology Corp HD64F2145 Datasheet HTML 269Page - Renesas Technology Corp HD64F2145 Datasheet HTML 270Page - Renesas Technology Corp HD64F2145 Datasheet HTML 271Page - Renesas Technology Corp HD64F2145 Datasheet HTML 272Page - Renesas Technology Corp HD64F2145 Datasheet HTML 273Page - Renesas Technology Corp HD64F2145 Datasheet HTML 274Page - Renesas Technology Corp HD64F2145 Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 829 page
background image
Rev. 2.0, 08/02, page 231 of 788
• DADRB
Bit
Bit Name
Initial Value
R/W
Description
15
14
13
12
11
10
9
8
7
6
5
4
3
2
DA13
DA12
DA11
DA10
DA9
DA8
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D/A Data 13 to 0
These bits set a digital value to be converted to an
analog value.
In each base cycle, the DACNT value is continually
compared with the DADR value to determine the duty
cycle of the output waveform, and to decide whether to
output a fine-adjustment pulse equal in width to the
resolution. To enable this operation, this register must
be set within a range that depends on the CFS bit. If the
DADR value is outside this range, the PWM output is
held constant.
A channel can be operated with 12-bit precision by
keeping the two lowest data bits (DA1 and DA0) cleared
to 0. The two lowest data bits correspond to the two
highest bits in DACNT.
1
CFS
1
R/W
Carrier Frequency Select
0: Base cycle = resolution (T)
× 64
DADR range = H'0401 to H'FFFD
1: Base cycle = resolution (T)
× 256
DADR range = H'0103 to H'FFFF
0
REGS
1
R/W
Register Select
DADRA and DACR, and DADRB and DACNT, are
located at the same addresses. The REGS bit specifies
which registers can be accessed.
0: DADRA and DADRB can be accessed
1: DACR and DACNT can be accessed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com