Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 263Page - Renesas Technology Corp HD64F2145 Datasheet HTML 264Page - Renesas Technology Corp HD64F2145 Datasheet HTML 265Page - Renesas Technology Corp HD64F2145 Datasheet HTML 266Page - Renesas Technology Corp HD64F2145 Datasheet HTML 267Page - Renesas Technology Corp HD64F2145 Datasheet HTML 268Page - Renesas Technology Corp HD64F2145 Datasheet HTML 269Page - Renesas Technology Corp HD64F2145 Datasheet HTML 270Page - Renesas Technology Corp HD64F2145 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 829 page
background image
Rev. 2.0, 08/02, page 227 of 788
Section 10 14-Bit PWM Timer (PWMX)
This LSI has an on-chip 14-bit pulse-width modulator (PWM) timer with two output channels. It
can be connected to an external low-pass filter to operate as a 14-bit D/A converter.
10.1
Features
• Division of pulse into multiple base cycles to reduce ripple
• Two resolution settings
The resolution can be set equal to one or two system clock cycles.
• Two base cycle settings
The base cycle can be set equal to T
× 64 or T × 256, where T is the resolution.
• Four operating speeds
• Four operation clocks (by combination of two resolution settings and two base cycle settings)
Figure 10.1 shows a block diagram of the PWM (D/A) module.
Select clock
Bus interface
Clock
Internal data bus
Comparator A
Comparator B
DADRA
DADRB
PWX1
Internal clock
Ø
Ø/2
PWX0
Fine–adjustment pulse addition
Fine–adjustment pulse addition
Legend
DACR
DADRA
DADRB
DACNT
: PWM D/A control register
: PWM D/A data register A
: PWM D/A data register B
: PWM D/A counter
DACNT
DACR
Control
logic
Base cycle compare match A
Base cycle compare match B
Base cycle overflow
Module data bus
Figure 10.1 PWM (D/A) Block Diagram
PWM1411A_010020020700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com