Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 261Page - Renesas Technology Corp HD64F2145 Datasheet HTML 262Page - Renesas Technology Corp HD64F2145 Datasheet HTML 263Page - Renesas Technology Corp HD64F2145 Datasheet HTML 264Page - Renesas Technology Corp HD64F2145 Datasheet HTML 265Page - Renesas Technology Corp HD64F2145 Datasheet HTML 266Page - Renesas Technology Corp HD64F2145 Datasheet HTML 267Page - Renesas Technology Corp HD64F2145 Datasheet HTML 268Page - Renesas Technology Corp HD64F2145 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 829 page
background image
Rev. 2.0, 08/02, page 225 of 788
9.4
Operation
The upper four bits of PWDR specify the duty cycle of the basic pulse as 0/16 to 15/16 with a
resolution of 1/16. Table 9.4 shows the duty cycles of the basic pulse.
Table 9.4
Duty Cycle of Basic Pulse
0123456789 A B C D E F 0
Upper 4 Bits
Basic Pulse Waveform (Internal)
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
The lower four bits of PWDR specify the position of pulses added to the 16 basic pulses. An
additional pulse adds a high period (when OS = 0) with a width equal to the resolution before the
rising edge of a basic pulse. When the upper four bits of PWDR are 0000, there is no rising edge
of the basic pulse, but the timing for adding pulses is the same. Table 9.5 shows the positions of
the additional pulses added to the basic pulses, and figure 9.2 shows an example of additional
pulse timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com