Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 260Page - Renesas Technology Corp HD64F2145 Datasheet HTML 261Page - Renesas Technology Corp HD64F2145 Datasheet HTML 262Page - Renesas Technology Corp HD64F2145 Datasheet HTML 263Page - Renesas Technology Corp HD64F2145 Datasheet HTML 264Page - Renesas Technology Corp HD64F2145 Datasheet HTML 265Page - Renesas Technology Corp HD64F2145 Datasheet HTML 266Page - Renesas Technology Corp HD64F2145 Datasheet HTML 267Page - Renesas Technology Corp HD64F2145 Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 829 page
background image
Rev. 2.0, 08/02, page 224 of 788
• PWOERB
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
OE15
OE14
OE13
OE12
OE11
OE10
OE9
OE8
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Output Enable 15 to 8
These bits, together with P2DDR, specify the P2n/PWn
pin state. Bits OE15 to OE8 correspond to outputs
PW15 to PW8.
P2nDDR OEn: Pin state
0X: Port input
10: Port output or PWM 256/256 output
11: PWM output (0 to 255/256 output)
Legend
X:
Don't care
To perform PWM 256/256 output when DDR = 1 and OE = 0, the corresponding pin should be set
to port output. The corresponding pin can be set as port output in single-chip mode or when IOSE
= 1 and CS256E = 0 in SYSCR in extended mode with on-chip ROM. Otherwise, it should be
noted that an address bus is output to the corresponding pin.
DR data is output when the corresponding pin is used as port output. A value corresponding to
PWM 256/256 output is determined by the OS bit, so the value should have been set to DR
beforehand.
9.3.5
Peripheral Clock Select Register (PCSR)
PCSR selects the PWM input clock.
Bit
Bit Name
Initial Value
R/W
Description
3—
0
R
Reserved
This bit is always read as 0. The initial value should not
be changed.
2
1
PWCKB
PWCKA
0
0
R/W
R/W
PWM Clock Select B, A
Together with bits PWCKE and PWCKS in PWSL,
these bits select the internal clock input to TCNT in the
PWM. For details, see table 9.2.
0—
0
R
Reserved
This bit is always read as 0. The initial value should not
be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com