Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 262Page - Renesas Technology Corp HD64F2145 Datasheet HTML 263Page - Renesas Technology Corp HD64F2145 Datasheet HTML 264Page - Renesas Technology Corp HD64F2145 Datasheet HTML 265Page - Renesas Technology Corp HD64F2145 Datasheet HTML 266Page - Renesas Technology Corp HD64F2145 Datasheet HTML 267Page - Renesas Technology Corp HD64F2145 Datasheet HTML 268Page - Renesas Technology Corp HD64F2145 Datasheet HTML 269Page - Renesas Technology Corp HD64F2145 Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 829 page
background image
Rev. 2.0, 08/02, page 226 of 788
Table 9.5
Position of Pulses Added to Basic Pulses
Basic Pulse No.
Lower 4 Bits 012345678910
11
12
13
14
15
0000
0001
Yes
0010
Yes
Yes
0011
Yes
Yes
Yes
0100
Yes
Yes
Yes
Yes
0101
Yes
Yes
Yes
Yes
Yes
0110
Yes
Yes
Yes
Yes
Yes
Yes
0111
Yes
Yes
Yes
Yes
Yes
Yes
Yes
1000
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
1001
Yes
Yes
Yes
Yes
Yes
Yes
Yes Yes Yes
1010
Yes
Yes
Yes Yes Yes
Yes
Yes
Yes Yes Yes
1011
Yes
Yes
Yes Yes Yes
Yes Yes Yes
Yes Yes Yes
1100
Yes Yes Yes
Yes Yes Yes
Yes Yes Yes
Yes Yes Yes
1101
Yes Yes Yes
Yes Yes Yes
Yes Yes Yes Yes Yes Yes Yes
1110
Yes Yes Yes Yes Yes Yes Yes
Yes Yes Yes Yes Yes Yes Yes
1111
Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes
No additional pulse
With additional pulse
Resolution width
Basic pulse
Figure 9.2 Example of Additional Pulse Timing (when Upper 4 Bits of PWDR = 1000)
9.5
Usage Note
9.5.1
Module Stop Mode Setting
PWM operation can be enabled or disabled using the module stop control register. The initial
setting is for PWM operation to be halted. Register access is enabled by canceling the module stop
mode. For details, refer to section 26, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com