Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 258Page - Renesas Technology Corp HD64F2145 Datasheet HTML 259Page - Renesas Technology Corp HD64F2145 Datasheet HTML 260Page - Renesas Technology Corp HD64F2145 Datasheet HTML 261Page - Renesas Technology Corp HD64F2145 Datasheet HTML 262Page - Renesas Technology Corp HD64F2145 Datasheet HTML 263Page - Renesas Technology Corp HD64F2145 Datasheet HTML 264Page - Renesas Technology Corp HD64F2145 Datasheet HTML 265Page - Renesas Technology Corp HD64F2145 Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 829 page
background image
Rev. 2.0, 08/02, page 222 of 788
Table 9.3
Resolution, PWM Conversion Period and Carrier Frequency when ø = 10 MHz
Internal Clock
Frequency
Resolution
PWM Conversion
Period
Carrier Frequency
ø
100 ns
25.6
µs
625 kHz
ø/2
200 ns
51.2
µs
312.5 kHz
ø/4
400 ns
102.4
µs
156.3 kHz
ø/8
800 ns
204.8
µs
78.1 kHz
ø/16
1600 ns
409.6
µs
39.1 kHz
9.3.2
PWM Data Registers (PWDR0 to PWDR15)
PWDR are 8-bit readable/writable registers. The PWM has sixteen PWM data registers. Each
PWDR specifies the duty cycle of the basic pulse to be output, and the number of additional
pulses. The value set in PWDR corresponds to a 0 or 1 ratio in the conversion period. The upper
four bits specify the duty cycle of the basic pulse as 0/16 to 15/16 with a resolution of 1/16. The
lower four bits specify how many extra pulses are to be added within the conversion period
comprising 16 basic pulses. Thus, a specification of 0/256 to 255/256 is possible for 0/1 ratios
within the conversion period. For 256/256 (100%) output, port output should be used. PWDR0 to
PWDR15 are initialized to H’00.
9.3.3
PWM Data Polarity Registers A and B (PWDPRA, PWDPRB)
Each PWDPR selects the PWM output phase.
• PWDPRA
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
OS7
OS6
OS5
OS4
OS3
OS2
OS1
OS0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Output Select 7 to 0
These bits select the PWM output phase. Bits OS7 to
OS0 correspond to outputs PW7 to PW0.
0: PWM direct output (PWDR value corresponds to high
width of output)
1: PWM inverted output (PWDR value corresponds to
low width of output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com