| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 321 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 321 Page - Renesas Technology Corp |
|
321 / 829 page ![]() Rev. 2.0, 08/02, page 281 of 788 Bit Bit Name Initial Value R/W Description 1 0 OS1 OS0 0 0 R/W R/W Output Select 1, 0 These bits specify how the TMOX pin output level is to be changed by compare-match A of TCORA_X and TCNT_X. 00: No change 01: 0 is output 10: 1 is output 11: Output is inverted (toggle output) Note:* Only 0 can be written, for flag clearing. 12.3.6 Input Capture Register (TICR) TICR is an 8-bit register. The contents of TCNT are transferred to TICR at the rising edge of the external reset input. TICR cannot be directly accessed by the CPU. The TICR function is used for the timer connection. For details, refer to section 13, Timer Connection. 12.3.7 Time Constant Register (TCORC) TCORC is an 8-bit readable/writable register. The sum of contents of TCORC and TICR is always compared with TCNT. When a match is detected, a compare-match C signal is generated. However, comparison at the T2 state in the write cycle to TCORC and at the input capture cycle of TICR is disabled. TCORC is initialized to H'FF. The TCORC function is used for the timer connection. For details, refer to section 13, Timer Connection. 12.3.8 Input Capture Registers R and F (TICRR, TICRF) TICRR and TICRF are 8-bit read-only registers. The contents of TCNT are transferred at the rising edge and falling edge of the external reset input in that order, when the ICST bit in TCONRI of the timer connection is set to 1. The ICST bit is cleared to 0 when one capture operation ends. TICRR and TICRF are initialized to H'00. The TICRR and TICRF functions are used for timer connection. For details, refer to section 13, Timer Connection. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |