Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 322 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 322 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 318Page - Renesas Technology Corp HD64F2145 Datasheet HTML 319Page - Renesas Technology Corp HD64F2145 Datasheet HTML 320Page - Renesas Technology Corp HD64F2145 Datasheet HTML 321Page - Renesas Technology Corp HD64F2145 Datasheet HTML 322Page - Renesas Technology Corp HD64F2145 Datasheet HTML 323Page - Renesas Technology Corp HD64F2145 Datasheet HTML 324Page - Renesas Technology Corp HD64F2145 Datasheet HTML 325Page - Renesas Technology Corp HD64F2145 Datasheet HTML 326Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 829 page
background image
Rev. 2.0, 08/02, page 282 of 788
12.3.9
Timer Input Select Register (TISR)
TISR selects a signal source of external clock/reset input for the counter.
Bit
Bit Name Initial Value R/W
Description
7
to
1
—
All 1
R/(W) Reserved
The initial values should not be modified.
0
IS
0
R/W
Input Select
Selects an internal synchronization signal (IVG signal) or
timer clock/reset input pin VSYNCI/TMIY (TMCIY/TMRIY)
as the signal source of external clock/reset input for the
TMR_Y counter.
0: IVG signal is selected
1: VSYNCI/TMIY (TMCIY/TMRIY) is selected
12.4
Operation
12.4.1
Pulse Output
Figure 12.3 shows an example for outputting an arbitrary duty pulse.
1. Clear the CCLR1 bit in TCR to 0 so that TCNT is cleared according to the compare match of
TCORA, and then set the CCLR0 bit to 1.
2. Set the OS3 to OS0 bits in TCSR to B'0110 so that 1 is output according to the compare match
of TCORA and 0 is output according to the compare match of TCORB.
According to the above settings, the waveforms with the TCORA cycle and TCORB pulse width
can be output without the intervention of software.
TCNT
H'FF
Counter clear
TCORA
TCORB
H'00
TMO
Figure 12.3 Pulse Output Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com