| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 326 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 326 Page - Renesas Technology Corp |
|
326 / 829 page ![]() Rev. 2.0, 08/02, page 286 of 788 12.5.6 Timing of Overflow Flag (OVF) Setting The OVF bit in TCSR is set to 1 when the TCNT overflows (changes from H'FF to H'00). Figure 12.10 shows the timing of OVF flag setting. Ø OVF Overflow signal TCNT H'FF H'00 Figure 12.10 Timing of OVF Flag Setting 12.6 Operation with Cascaded Connection If bits CKS2 to CKS0 in either TCR_0 or TCR_1 are set to B'100, the 8-bit timers of the two channels are cascaded. With this configuration, a single 16-bit timer can be used (16-bit count mode) or the compare-matches of the 8-bit timer of channel 0 can be counted by the 8-bit timer of channel 1 (compare-match count mode). 12.6.1 16-Bit Count Mode When bits CKS2 to CKS0 in TCR_0 are set to B'100, the timer functions as a single 16-bit timer with channel 0 occupying the upper 8 bits and channel 1 occupying the lower 8 bits. Setting of Compare-Match Flags: • The CMF flag in TCSR_0 is set to 1 when a 16-bit compare-match occurs. • The CMF flag in TCSR_1 is set to 1 when a lower 8-bit compare-match occurs. Counter Clear Specification: • If the CCLR1 and CCLR0 bits in TCR_0 have been set for counter clear at compare-match, the 16-bit counter (TCNT_0 and TCNT_1 together) is cleared when a 16-bit compare-match occurs. The 16-bit counter (TCNT_0 and TCNT_1 together) is also cleared when counter clear by the TMI0 pin has been set. • The settings of the CCLR1 and CCLR0 bits in TCR_1 are ignored. The lower 8 bits cannot be cleared independently. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |