Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 323Page - Renesas Technology Corp HD64F2145 Datasheet HTML 324Page - Renesas Technology Corp HD64F2145 Datasheet HTML 325Page - Renesas Technology Corp HD64F2145 Datasheet HTML 326Page - Renesas Technology Corp HD64F2145 Datasheet HTML 327Page - Renesas Technology Corp HD64F2145 Datasheet HTML 328Page - Renesas Technology Corp HD64F2145 Datasheet HTML 329Page - Renesas Technology Corp HD64F2145 Datasheet HTML 330Page - Renesas Technology Corp HD64F2145 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 829 page
background image
Rev. 2.0, 08/02, page 287 of 788
Pin Output:
• Control of output from the TMO0 pin by bits OS3 to OS0 in TCSR_0 is in accordance with the
16-bit compare-match conditions.
• Control of output from the TMO1 pin by bits OS3 to OS0 in TCSR_1 is in accordance with the
lower 8-bit compare-match conditions.
12.6.2
Compare-Match Count Mode
When bits CKS2 to CKS0 in TCR_1 are B'100, TCNT_1 counts the occurrence of compare-match
A for channel 0. Channels 0 and 1 are controlled independently. Conditions such as setting of the
CMF flag, generation of interrupts, output from the TMO pin, and counter clearing are in
accordance with the settings for each channel.
12.7
Input Capture Operation
TMR_X has input capture registers (TICR, TICRR and TICRF). A narrow pulse width can be
measured with TICRR and TICRF, using a single capture operation controlled by the ICST bit in
TCONRI of the timer connection. If the falling edge of TMRIX is detected after its rising edge has
been detected while the ICST bit is set to 1, the value of TCNT at that time is transferred to both
TICRR and TICRF, and the ICST bit is cleared to 0.
The input signal to TMRIX can be switched by the setting of the other bits in TCONRI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com