Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 23 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 23 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 19Page - Microsemi Corporation VSC7511 Datasheet HTML 20Page - Microsemi Corporation VSC7511 Datasheet HTML 21Page - Microsemi Corporation VSC7511 Datasheet HTML 22Page - Microsemi Corporation VSC7511 Datasheet HTML 23Page - Microsemi Corporation VSC7511 Datasheet HTML 24Page - Microsemi Corporation VSC7511 Datasheet HTML 25Page - Microsemi Corporation VSC7511 Datasheet HTML 26Page - Microsemi Corporation VSC7511 Datasheet HTML 27Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 324 page
background image
Product Overview
VMDS-10488 VSC7511 Datasheet Revision 4.2
8
2.3.2
Basic and Advanced Frame Classification
The basic and advanced frame classification in the ingress processing module receive all frames. The
basic and advanced classifiers determine a range of frame properties such as VLAN, Quality of Service
(QoS) class, and drop precedence level. This information is carried through the switch together with the
frame and affects policing, drop precedence marking, statistics collecting, security enforcement, Layer-2
forwarding, and rewriting.
The classification is a combination of a basic classification using configurable logic and more advanced
classification using a TCAM.
The classification engine understands up to two VLAN tags and can look for Layer-3 and Layer-4
information behind two VLAN tags. If frames are triple tagged, the higher-layer protocol information is not
extracted.
The following illustration shows the basic and advanced frame classification.
Figure 2 •
Basic and Advanced Frame Classification
The basic classification classifies each frame to a VLAN, a QoS class, a drop precedence (DP) level,
DSCP value, and an aggregation code. The basic classification also performs a general frame
acceptance check. The output from the basic classification may be overwritten or changed by the more
intelligent advanced classification using the IS1 TCAM.
Frame Acceptance The frame acceptance filter checks for valid combinations of VLAN tags against
the ingress port’s VLAN acceptance filter where it is possible to configure rules for accepting untagged,
priority-tagged, C-, and S-tagged frames. In addition, the filter also enables discarding of frames with
illegal MAC addresses (for instance null MAC address or multicast source MAC address).
VLAN Every incoming frame is classified to a VLAN by the basic VLAN classification. This is based on
the VLAN in the frame, or if the frame is untagged or the ingress port is VLAN unaware, it is based on the
ingress port’s default VLAN. A VLAN classification includes the whole TCI (PCP, DEI, and VID) and also
the TPID (C-tag or S-tag).
For double-tagged frames, it is selectable whether the inner or the outer tag is used.
The device can recognize S-tagged frames with the standard TPID (0x88A8) or S-tagged frames using a
custom programmable value. One custom value is supported by the device.
QoS, DP, and DSCP Each frame is classified to a Quality of Service (QoS) class and a drop
precedence level (frame color: green/yellow). The QoS class and DP level are used throughout the
device for providing queuing, scheduling, and congestion control guarantees to the frame according to
what is configured for that specific QoS class and color.
Basic Classification
Frame Data
Advanced Classification
IS1 First Lookup
Key:
- port mask
- inner and outer VLAN tags (VID, PCP, DEI, TPID)
- SMAC, DMAC
- SIP, DIP
- TCP/UDP ports
- frame type, DSCP, range checkers
IS1 Third Lookup
IS1 Second Lookup
IS1
QoS class
DP level
VLAN tag
header
Discard
Aggregation
code
VLAN pop count
Frame data
Classified VLAN
DP level
Classified DSCP
VLAN pop cnt
QoS, DP, and DSCP
PCP fromtag (inner or outer)
DSCP fromframe, trusted values only
Remap/rewrite of DSCP
Port default
VLAN
VLAN tag fromframe
Port VLAN
Frame Acceptance
Untagged, S-tagged, C-tagged
Special frames
Aggregation Code
L2-L4 frame data
DSCP value
QoS class
Customlookup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com