Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 41 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 41 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 37Page - Microsemi Corporation VSC7511 Datasheet HTML 38Page - Microsemi Corporation VSC7511 Datasheet HTML 39Page - Microsemi Corporation VSC7511 Datasheet HTML 40Page - Microsemi Corporation VSC7511 Datasheet HTML 41Page - Microsemi Corporation VSC7511 Datasheet HTML 42Page - Microsemi Corporation VSC7511 Datasheet HTML 43Page - Microsemi Corporation VSC7511 Datasheet HTML 44Page - Microsemi Corporation VSC7511 Datasheet HTML 45Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
26
1.
Configure SERDES1G_PLL_CFG.PLL_FSM_CTRL_DATA to 200.
2.
Set SYS_RST = 0 (active) and PLL_FSM_ENA = 0 (inactive).
3.
Set SYS_RST = 1 (deactive) and PLL_FSM_ENA = 1 (active).
3.3.2
SERDES1G Loopback Modes
The SERDES1G interface supports two different loopback modes for testing and debugging data paths:
equipment loopback and facility loopback.
3.3.2.1
Equipment Loopback (SERDES1G_COMMON_CFG.ENA_ELOOP)
Data is looped back from serializer output to deserializer input, and the receive clock is recovered. The
equipment loopback includes all transmit and receive functions, except for the input and output buffers.
The Tx data can still be observed on the output.
3.3.2.2
Facility Loopback (SERDES1G_COMMON_CFG.ENA_FLOOP)
The clock and parallel data output from deserializer are looped back to the serializer interface. Incoming
serial data passes through the input buffer, the CDR, the deserializer, back to the serializer, and finally
out through the output buffer.
Only one of the loopbacks can be enabled at the same time.
The following illustration shows the loopback paths.
Figure 7 •
SERDES1G Loopback Modes
3.3.3
Synchronous Ethernet
The SERDES1G block can recover the clock from the received data and apply the clock to either a per-
SerDes recovered clock output pin (SERDES1G_COMMON_CFG.RECO_SEL_A) or a common
recovered clock output pin that may also be driven by another SerDes macros as well
(SERDES1G_COMMON_CFG.RECO_SEL_B). Note that only one macro should drive the common
recovered clock output pin at the same time.
In addition, it is possible to squelch the recovered clock if the associated PCS cannot detect valid data
(SERDES1G_COMMON_CFG.SE_AUTO_SQUELCH_A_ENA and
SERDES1G_COMMON_CFG.SE_AUTO_SQUELCH_B_ENA).
For more information about Synchronous Ethernet, see Layer 1 Timing, page 152.
Tx (P/N)
Rx (P/N)
ESD
Input
Buffer
Output
Buffer
Equipment
Loop
Rx Path
Tx Path
ESD
Facility
Loop
Deserializer
10
Serializer
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com