Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 52 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 52 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 48Page - Microsemi Corporation VSC7511 Datasheet HTML 49Page - Microsemi Corporation VSC7511 Datasheet HTML 50Page - Microsemi Corporation VSC7511 Datasheet HTML 51Page - Microsemi Corporation VSC7511 Datasheet HTML 52Page - Microsemi Corporation VSC7511 Datasheet HTML 53Page - Microsemi Corporation VSC7511 Datasheet HTML 54Page - Microsemi Corporation VSC7511 Datasheet HTML 55Page - Microsemi Corporation VSC7511 Datasheet HTML 56Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
37
3.5.2.2
Cat5 Auto-Negotiation and Parallel Detection
The integrated transceivers support twisted pair auto-negotiation as defined by clause 28 of the IEEE
802.3-2008. The auto-negotiation process evaluates the advertised capabilities of the local PHY and its
link partner to determine the best possible operating mode. In particular, auto-negotiation can determine
speed, duplex configuration, and master or slave operating modes for 1000BASE-TX. Auto-negotiation
also allows the device to communicate with the link partner (through the optional “next pages”) to set
attributes that may not otherwise be defined by the IEEE standard.
If the Cat5 link partner does not support auto-negotiation, the device automatically use parallel detection
to select the appropriate link speed.
Auto-negotiation can be disabled by clearing PHY_CTRL.AUTONEG_ENA. If auto-negotiation is
disabled, the state of the SPEED_SEL_MSB_CFG, SPEED_SEL_LSB_CFG, and
DUPLEX_MODE_CFG fields in the PHY_CTRL register determine the device’s operating speed and
duplex mode. Note that while 10BASE-T and 100BASE-T do not require auto-negotiation, 1000BASE-T
does require it (defined by clause 40).
3.5.2.3
1000BASE-T Forced Mode Support
The integrated transceivers provides support for a 1000BASE-T forced test mode. In this mode, the PHY
can be forced into 1000BASE-T mode and does not require manual setting of master/slave at the two
ends of the link. This mode is only for test purposes. Do not use in normal operation. To configure a PHY
in this mode, set PHY_EEE_CTRL.FORCE_1000BT_ENA = 1, with
PHY_CTRL.SPEED_SEL_LSB_CFG = 1 and PHY_CTRL.SPEED_SEL_LSB_CFG = 0.
3.5.2.4
Automatic Crossover and Polarity Detection
For trouble-free configuration and management of Ethernet links, the integrated transceivers include a
robust automatic crossover detection feature for all three speeds on the twisted-pair interface (10BASE-
T, 100BASE-T, and 1000BASE T). Known as HP Auto-MDIX, the function is fully compliant with clause
40 of the IEEE 802.3-2002.
Additionally, the device detects and corrects polarity errors on all MDI pairs—a useful capability that
exceeds the requirements of the standard.
Both HP Auto-MDIX detection and polarity correction are enabled in the device by default. Default
settings can be changed using the POL_INV_DIS and PAIR_SWAP_DIS fields in the
PHY_BYPASS_CTRL register. Status bits for each of these functions are located in the
PHY_AUX_CTRL_STAT register.
The integrated transceivers can be configured to perform HP Auto-MDIX, even when auto-negotiation is
disabled (PHY_CTRL.AUTONEG_ENA = 0) and the link is forced into 10/100 speeds. To enable the HP
Auto-MDIX feature, set PHY_BYPASS_CTRL.FORCED_SPEED_AUTO_MDIX_DIS to 0.
The HP Auto-MDIX algorithm successfully detects, corrects, and operates with any of the MDI wiring pair
combinations listed in the following table.
3.5.2.5
Manual MDI/MDI-X Setting
As an alternative to HP Auto-MDIX detection, the PHY can be forced to be MDI or MDI X using
PHY_EXT_MODE_CTRL.FORCE_MDI_CROSSOVER_ENA. Setting this field to 10 forces MDI, and
setting 11 forces MDI-X. Leaving the bits 00 enables the MDI/MDI-X setting to be based on
FORCED_SPEED_AUTO_MDIX_DIS and PAIR_SWAP_DIS in the register PHY_BYPASS_CTRL.
Table 21 •
Supported MDI Pair Combinations
1, 2
3, 6
4, 5
7, 8
Mode
A
B
C
D
Normal MDI
B
A
D
C
Normal MDI-X
A
B
D
C
Normal MDI with pair swap on C and D pair
B
A
C
D
Normal MDI-X with pair swap on C and D pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com